Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 52 Page - Texas Instruments

Back Button DM505 Datasheet HTML 48Page - Texas Instruments DM505 Datasheet HTML 49Page - Texas Instruments DM505 Datasheet HTML 50Page - Texas Instruments DM505 Datasheet HTML 51Page - Texas Instruments DM505 Datasheet HTML 52Page - Texas Instruments DM505 Datasheet HTML 53Page - Texas Instruments DM505 Datasheet HTML 54Page - Texas Instruments DM505 Datasheet HTML 55Page - Texas Instruments DM505 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 290 page
background image
52
DM505
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
www.ti.com
Submit Documentation Feedback
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
Table 4-13. UART Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
uart2_rxd
UART2 Receive Data
I
D14, E7
uart2_txd
UART2 Transmit Data
O
D15, F7
Universal Asynchronous Receiver/Transmitter (UART3)
uart3_ctsn
UART3 clear to send active low
I
N4, U6
uart3_rtsn
UART3 request to send active low
O
R7, T5
uart3_rxd
UART3 Receive Data
I
F14, L1, M2, W7
uart3_txd
UART3 Transmit Data
O
C14, L2, R6, W6
4.3.13 McSPI
NOTE
For more information, see the Serial Communication Interface / Multichannel Serial
Peripheral Interface (McSPI) section of the device TRM.
CAUTION
The IO timings provided in Section 5.9, Timing Requirements and Switching
Characteristics are applicable for all combinations of signals for SPI2 and SPI4.
However, the timings are only valid for SPI1 and SPI3 if signals within a single
IOSET are used. The IOSETs are defined in Table 5-48.
Table 4-14. SPI Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
Serial Peripheral Interface 1
spi1_sclk
SPI1 Clock
IO
M2
spi1_d0
SPI1 Data. Can be configured as either MISO or MOSI.
IO
T5
spi1_d1
SPI1 Data. Can be configured as either MISO or MOSI.
IO
U6
spi1_cs0
SPI1 Chip Select
IO
M1, R6
spi1_cs1
SPI1 Chip Select
IO
M1, R5
spi1_cs2
SPI1 Chip Select
IO
F14, W7
spi1_cs3
SPI1 Chip Select
IO
C14, W6
Serial Peripheral Interface 2
spi2_sclk
SPI2 Clock
IO
L1
spi2_d0
SPI2 Data. Can be configured as either MISO or MOSI.
IO
R7
spi2_d1
SPI2 Data. Can be configured as either MISO or MOSI.
IO
N4
spi2_cs0
SPI2 Chip Select
IO
A4, L2
spi2_cs1
SPI2 Chip Select
IO
B4, M1
Serial Peripheral Interface 3
spi3_sclk
SPI3 Clock
IO
C6, F15
spi3_d0
SPI3 Data. Can be configured as either MISO or MOSI.
IO
D15, E7
spi3_d1
SPI3 Data. Can be configured as either MISO or MOSI.
IO
D14, F7
spi3_cs0
SPI3 Chip Select
IO
B6, F16, M1
spi3_cs1
SPI3 Chip Select
IO
A5, R5
Serial Peripheral Interface 4
spi4_sclk
SPI4 Clock
IO
C16, F14
spi4_d0
SPI4 Data. Can be configured as either MISO or MOSI.
IO
B17, E14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com