Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 17 Page - Texas Instruments

Back Button DM505 Datasheet HTML 13Page - Texas Instruments DM505 Datasheet HTML 14Page - Texas Instruments DM505 Datasheet HTML 15Page - Texas Instruments DM505 Datasheet HTML 16Page - Texas Instruments DM505 Datasheet HTML 17Page - Texas Instruments DM505 Datasheet HTML 18Page - Texas Instruments DM505 Datasheet HTML 19Page - Texas Instruments DM505 Datasheet HTML 20Page - Texas Instruments DM505 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 290 page
background image
Copyright © 2016–2017, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
17
DM505
www.ti.com
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
Table 4-1. Pin Attributes(1) (continued)
BALL NUMBER
[1]
BALL NAME [2]
SIGNAL NAME [3]
MUXMODE
[4]
TYPE [5]
BALL
RESET
STATE [6]
BALL
RESET REL.
STATE [7]
BALL
RESET REL.
MUXMODE
[8]
I/O
VOLTAGE
VALUE [9]
POWER [10]
HYS [11]
BUFFER
TYPE [12]
PULL
UP/DOWN
TYPE [13]
DSIS [14]
B6
gpmc_ad8
gpmc_ad8
0
IO
OFF
OFF
15
1.8/3.3
vddshv2
Yes
Dual Voltage
LVCMOS
PU/PD
0
timer7
3
IO
spi3_cs0
4
IO
1
gpio1_22
14
IO
sysboot8
mcasp2_aclkr
15
I
mcasp2_aclkr
16
IO
0
A5
gpmc_ad9
gpmc_ad9
0
IO
OFF
OFF
15
1.8/3.3
vddshv2
Yes
Dual Voltage
LVCMOS
PU/PD
0
eCAP1_in_PWM1_out
3
IO
0
spi3_cs1
4
IO
1
gpio1_23
14
IO
sysboot9
mcasp2_fsr
15
I
mcasp2_fsr
16
IO
0
D6
gpmc_ad10
gpmc_ad10
0
IO
OFF
OFF
15
1.8/3.3
vddshv2
Yes
Dual Voltage
LVCMOS
PU/PD
0
timer2
3
IO
gpio1_24
14
IO
sysboot10
mcasp2_axr0
15
I
mcasp2_axr0
16
IO
0
C5
gpmc_ad11
gpmc_ad11
0
IO
OFF
OFF
15
1.8/3.3
vddshv2
Yes
Dual Voltage
LVCMOS
PU/PD
0
timer3
3
IO
gpio1_25
14
IO
sysboot11
mcasp2_axr1
15
I
mcasp2_axr1
16
IO
0
B5
gpmc_ad12
gpmc_ad12
0
IO
OFF
OFF
15
1.8/3.3
vddshv2
Yes
Dual Voltage
LVCMOS
PU/PD
0
gpio1_26
14
IO
sysboot12
mcasp2_axr2
15
I
mcasp2_axr2
16
IO
0
D7
gpmc_ad13
gpmc_ad13
0
IO
OFF
OFF
15
1.8/3.3
vddshv2
Yes
Dual Voltage
LVCMOS
PU/PD
0
rgmii1_rxc
1
I
0
gpio1_27
14
IO
sysboot13
mcasp2_axr3
15
I
mcasp2_axr3
16
IO
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com