Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 71 Page - Texas Instruments

Back Button DM505 Datasheet HTML 67Page - Texas Instruments DM505 Datasheet HTML 68Page - Texas Instruments DM505 Datasheet HTML 69Page - Texas Instruments DM505 Datasheet HTML 70Page - Texas Instruments DM505 Datasheet HTML 71Page - Texas Instruments DM505 Datasheet HTML 72Page - Texas Instruments DM505 Datasheet HTML 73Page - Texas Instruments DM505 Datasheet HTML 74Page - Texas Instruments DM505 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 290 page
background image
Copyright © 2016–2017, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
71
DM505
www.ti.com
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
Table 4-28. Pin Multiplexing (continued)
ADDRESS
REGISTER NAME
BALL
NUMBER
MUXMODE[15:0] SETTINGS
0
1
2
3
4
5
6
7
8
9
10
11
12
14
15
0x14A0
CTRL_CORE_PAD_
VIN1A_D5
H19
vin1a_d5
cpi_data7
gpio2_8
xref_clk2
mcasp3_ahc
lkx
0x14A4
CTRL_CORE_PAD_
VIN1A_D6
H22
vin1a_d6
cpi_data8
gpio2_9
Driver off
mcasp3_fsx
0x14A8
CTRL_CORE_PAD_
VIN1A_D7
H21
vin1a_d7
cpi_data9
gpio2_10
Driver off
0x14AC
CTRL_CORE_PAD_
VIN1A_D8
J17
vin1a_d8
cpi_data10
vin1b_d0
gpmc_a8
sys_nirq2
gpio2_11
Driver off
0x14B0
CTRL_CORE_PAD_
VIN1A_D9
K22
vin1a_d9
cpi_data11
vin1b_d1
gpmc_a9
sys_nirq1
gpio2_12
Driver off
0x14B4
CTRL_CORE_PAD_
VIN1A_D10
K21
vin1a_d10
cpi_data12
vin1b_d2
gpmc_a10
sys_nirq2
gpio2_13
Driver off
0x14B8
CTRL_CORE_PAD_
VIN1A_D11
K18
vin1a_d11
cpi_data13
vin1b_d3
gpmc_a11
sys_nirq1
gpio2_14
Driver off
0x14BC
CTRL_CORE_PAD_
VIN1A_D12
K17
vin1a_d12
cpi_data14
vin1b_d4
gpmc_a12
dma_evt1
gpio2_15
Driver off
0x14C0
CTRL_CORE_PAD_
VIN1A_D13
K19
vin1a_d13
cpi_wen
vin1b_d5
gpmc_a13
dma_evt2
gpio2_16
Driver off
0x14C4
CTRL_CORE_PAD_
VIN1A_D14
K20
vin1a_d14
cpi_fid
vin1b_d6
gpmc_a14
gpio2_17
Driver off
0x14C8
CTRL_CORE_PAD_
VIN1A_D15
L21
vin1a_d15
cpi_data15
vin1b_d7
gpmc_a15
gpio2_18
Driver off
0x14CC
CTRL_CORE_PAD_
VIN2A_CLK0
L22
vin2a_clk0
gpio2_19
Driver off
0x14D0
CTRL_CORE_PAD_
VIN2A_DE0
M17
vin2a_de0
cam_strobe vin2b_hsync
1
vin2b_de1
gpio4_21
Driver off
0x14D4
CTRL_CORE_PAD_
VIN2A_FLD0
M18
vin2a_fld0
cam_shutter vin2b_vsync
1
gpio4_22
Driver off
0x14D8
CTRL_CORE_PAD_
VOUT1_CLK
AB17
vout1_clk
vin1a_d12
clkout0
vin2a_clk0
gpio2_20
Driver off
0x14DC
CTRL_CORE_PAD_
VOUT1_DE
U17
vout1_de
mcasp1_acl
kx
vin1a_d13
clkout1
gpio2_21
Driver off
0x14E0
CTRL_CORE_PAD_
VOUT1_FLD
W17
vout1_fld
mcasp1_fsx vin1a_d14
clkout2
gpio2_22
Driver off
0x14E4
CTRL_CORE_PAD_
VOUT1_HSYNC
AA17
vout1_hsync mcasp1_acl
kr
vin1a_d15
vin2a_de0
gpio2_23
Driver off
0x14E8
CTRL_CORE_PAD_
VOUT1_VSYNC
U16
vout1_vsync mcasp1_fsr
vin2a_fld0
gpio2_24
Driver off
0x14EC
CTRL_CORE_PAD_
VOUT1_D0
W16
vout1_d0
mcasp1_axr
0
mmc_clk
gpio2_25
Driver off
0x14F0
CTRL_CORE_PAD_
VOUT1_D1
V16
vout1_d1
mcasp1_axr
1
mmc_cmd
gpio2_26
Driver off
0x14F4
CTRL_CORE_PAD_
VOUT1_D2
U15
vout1_d2
mcasp1_axr
2
mcasp1_axr
8
mmc_dat0
gpio2_27
Driver off
0x14F8
CTRL_CORE_PAD_
VOUT1_D3
V15
vout1_d3
mcasp1_axr
3
mcasp1_axr
9
mmc_dat1
gpio2_28
Driver off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com