Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 73 Page - Texas Instruments

Back Button DM505 Datasheet HTML 69Page - Texas Instruments DM505 Datasheet HTML 70Page - Texas Instruments DM505 Datasheet HTML 71Page - Texas Instruments DM505 Datasheet HTML 72Page - Texas Instruments DM505 Datasheet HTML 73Page - Texas Instruments DM505 Datasheet HTML 74Page - Texas Instruments DM505 Datasheet HTML 75Page - Texas Instruments DM505 Datasheet HTML 76Page - Texas Instruments DM505 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 290 page
background image
Copyright © 2016–2017, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
73
DM505
www.ti.com
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
Table 4-28. Pin Multiplexing (continued)
ADDRESS
REGISTER NAME
BALL
NUMBER
MUXMODE[15:0] SETTINGS
0
1
2
3
4
5
6
7
8
9
10
11
12
14
15
0x154C
CTRL_CORE_PAD_
MCAN_TX
W7
mcan_tx
vin2a_de0
vin2a_hsync
0
spi1_cs2
uart3_rxd
gpmc_wait1 vin1b_hsync
1
vin1b_de1
gpio4_11
Driver off
0x1550
CTRL_CORE_PAD_
MCAN_RX
W6
mcan_rx
cam_nreset vin2a_vsync
0
spi1_cs3
uart3_txd
gpmc_cs7
vin1b_vsync
1
gpio4_12
Driver off
0x1554
CTRL_CORE_PAD_
MDIO_MCLK
B19
mdio_mclk
spi4_d1
gpio3_17
Driver off
0x1558
CTRL_CORE_PAD_
MDIO_D
B17
mdio_d
spi4_d0
gpio3_18
Driver off
0x155C
CTRL_CORE_PAD_
RGMII0_TXC
C16
rgmii0_txc
cam_strobe spi4_sclk
mmc_clk
gpio3_19
Driver off
0x1560
CTRL_CORE_PAD_
RGMII0_TXCTL
C17
rgmii0_txctl
cam_shutter spi4_cs0
mmc_cmd
gpio3_20
Driver off
0x1564
CTRL_CORE_PAD_
RGMII0_TXD3
E16
rgmii0_txd3
mmc_dat0
gpio3_21
Driver off
0x1568
CTRL_CORE_PAD_
RGMII0_TXD2
D16
rgmii0_txd2
eCAP1_in_P
WM1_out
mmc_dat1
gpio3_22
Driver off
0x156C
CTRL_CORE_PAD_
RGMII0_TXD1
E17
rgmii0_txd1
mmc_dat2
gpio3_23
Driver off
0x1570
CTRL_CORE_PAD_
RGMII0_TXD0
F17
rgmii0_txd0
mmc_dat3
gpio3_24
Driver off
0x1574
CTRL_CORE_PAD_
RGMII0_RXC
B18
rgmii0_rxc
cam_strobe
mmc_clk
gpio3_25
Driver off
0x1578
CTRL_CORE_PAD_
RGMII0_RXCTL
C18
rgmii0_rxctl
cam_shutter
mmc_cmd
gpio3_26
Driver off
0x157C
CTRL_CORE_PAD_
RGMII0_RXD3
A19
rgmii0_rxd3
mmc_dat0
gpio3_27
Driver off
0x1580
CTRL_CORE_PAD_
RGMII0_RXD2
B20
rgmii0_rxd2
mmc_dat1
gpio3_28
Driver off
0x1584
CTRL_CORE_PAD_
RGMII0_RXD1
C20
rgmii0_rxd1
mmc_dat2
gpio3_29
Driver off
0x1588
CTRL_CORE_PAD_
RGMII0_RXD0
A20
rgmii0_rxd0
mmc_dat3
gpio3_30
Driver off
0x158C
CTRL_CORE_PAD_
XREF_CLK0
M1
xref_clk0
clkout0
spi3_cs0
spi2_cs1
spi1_cs0
spi1_cs1
gpio3_31
Driver off
0x1590
CTRL_CORE_PAD_
SPI1_SCLK
M2
spi1_sclk
uart3_rxd
gpio4_0
Driver off
0x1594
CTRL_CORE_PAD_
SPI1_D1
U6
spi1_d1
uart3_ctsn
gpio4_1
Driver off
0x1598
CTRL_CORE_PAD_
SPI1_D0
T5
spi1_d0
uart3_rtsn
gpio4_2
Driver off
0x159C
CTRL_CORE_PAD_
SPI1_CS0
R6
spi1_cs0
uart3_txd
gpio4_3
Driver off
0x15A0
CTRL_CORE_PAD_
SPI1_CS1
R5
spi1_cs1
spi3_cs1
timer6
ehrpwm1_tri
pzone_input
gpio4_4
Driver off
0x15A4
CTRL_CORE_PAD_
SPI2_SCLK
L1
spi2_sclk
uart3_rxd
ehrpwm1A
timer3
gpio4_5
Driver off
0x15A8
CTRL_CORE_PAD_
SPI2_D1
N4
spi2_d1
uart3_ctsn
timer5
eCAP1_in_P
WM1_out
gpio4_6
Driver off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com