Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 72 Page - Texas Instruments

Back Button DM505 Datasheet HTML 68Page - Texas Instruments DM505 Datasheet HTML 69Page - Texas Instruments DM505 Datasheet HTML 70Page - Texas Instruments DM505 Datasheet HTML 71Page - Texas Instruments DM505 Datasheet HTML 72Page - Texas Instruments DM505 Datasheet HTML 73Page - Texas Instruments DM505 Datasheet HTML 74Page - Texas Instruments DM505 Datasheet HTML 75Page - Texas Instruments DM505 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 290 page
background image
Copyright © 2016–2017, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
72
DM505
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
www.ti.com
Table 4-28. Pin Multiplexing (continued)
ADDRESS
REGISTER NAME
BALL
NUMBER
MUXMODE[15:0] SETTINGS
0
1
2
3
4
5
6
7
8
9
10
11
12
14
15
0x14FC
CTRL_CORE_PAD_
VOUT1_D4
Y15
vout1_d4
mcasp1_axr
4
mcasp1_axr
10
mmc_dat2
gpio2_29
Driver off
0x1500
CTRL_CORE_PAD_
VOUT1_D5
W15
vout1_d5
mcasp1_axr
5
mcasp1_axr
11
mmc_dat3
vin2a_clk0
gpio2_30
Driver off
0x1504
CTRL_CORE_PAD_
VOUT1_D6
AA15
vout1_d6
mcasp1_axr
6
mcasp1_axr
12
emu2
vin2a_de0
gpio2_31
Driver off
0x1508
CTRL_CORE_PAD_
VOUT1_D7
AB15
vout1_d7
mcasp1_axr
7
eCAP1_in_P
WM1_out
mcasp1_axr
13
emu3
vin2a_fld0
gpio3_0
Driver off
0x150C
CTRL_CORE_PAD_
VOUT1_D8
AA14
vout1_d8
mcasp1_axr
8
vin2a_d0
gpmc_a20
emu4
gpio3_1
Driver off
0x1510
CTRL_CORE_PAD_
VOUT1_D9
AB14
vout1_d9
mcasp1_axr
9
vin2a_d1
gpmc_a21
emu5
gpio3_2
Driver off
0x1514
CTRL_CORE_PAD_
VOUT1_D10
U13
vout1_d10
mcasp1_axr
10
vin2a_d2
gpmc_a22
emu6
gpio3_3
Driver off
0x1518
CTRL_CORE_PAD_
VOUT1_D11
V13
vout1_d11
mcasp1_axr
11
vin2a_d3
gpmc_a23
emu7
gpio3_4
Driver off
0x151C
CTRL_CORE_PAD_
VOUT1_D12
Y13
vout1_d12
mcasp1_axr
12
vin2a_d4
gpmc_a24
emu8
gpio3_5
Driver off
mcasp2_ahc
lkx
0x1520
CTRL_CORE_PAD_
VOUT1_D13
W13
vout1_d13
mcasp1_axr
13
vin2a_d5
gpmc_a25
emu9
gpio3_6
Driver off
mcasp2_acl
kr
0x1524
CTRL_CORE_PAD_
VOUT1_D14
U11
vout1_d14
mcasp1_axr
14
vin2a_d6
gpmc_a26
emu10
gpio3_7
Driver off
mcasp2_acl
kx
0x1528
CTRL_CORE_PAD_
VOUT1_D15
V11
vout1_d15
mcasp1_axr
15
vin2a_d7
gpmc_a27
emu11
gpio3_8
Driver off
mcasp2_fsx
0x152C
CTRL_CORE_PAD_
VOUT1_D16
U9
vout1_d16
mcasp1_ahc
lkx
vin2a_d8
gpmc_a0
mcasp1_axr
8
vin2b_d0
emu12
gpio3_9
Driver off
0x1530
CTRL_CORE_PAD_
VOUT1_D17
W11
vout1_d17
vin2a_d9
gpmc_a1
mcasp1_axr
9
vin2b_d1
emu13
gpio3_10
Driver off
mcasp2_fsr
0x1534
CTRL_CORE_PAD_
VOUT1_D18
V9
vout1_d18
vin2a_d10
gpmc_a2
mcasp1_axr
10
vin2b_d2
emu14
gpio3_11
Driver off
mcasp2_axr
0
0x1538
CTRL_CORE_PAD_
VOUT1_D19
W9
vout1_d19
vin2a_d11
gpmc_a3
mcasp1_axr
11
vin2b_d3
emu15
gpio3_12
Driver off
mcasp2_axr
1
0x153C
CTRL_CORE_PAD_
VOUT1_D20
U8
vout1_d20
vin2a_d12
gpmc_a4
mcasp1_axr
12
vin2b_d4
emu16
gpio3_13
Driver off
mcasp2_axr
2
0x1540
CTRL_CORE_PAD_
VOUT1_D21
W8
vout1_d21
vin2a_d13
gpmc_a5
mcasp1_axr
13
vin2b_d5
emu17
gpio3_14
Driver off
mcasp2_axr
3
0x1544
CTRL_CORE_PAD_
VOUT1_D22
U7
vout1_d22
vin2a_d14
gpmc_a6
mcasp1_axr
14
vin2b_d6
emu18
gpio3_15
Driver off
mcasp2_axr
4
0x1548
CTRL_CORE_PAD_
VOUT1_D23
V7
vout1_d23
vin2a_d15
gpmc_a7
mcasp1_axr
15
vin2b_d7
emu19
gpio3_16
Driver off
mcasp2_axr
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com