Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 4 Page - Texas Instruments

  DM505 Datasheet HTML 1Page - Texas Instruments DM505 Datasheet HTML 2Page - Texas Instruments DM505 Datasheet HTML 3Page - Texas Instruments DM505 Datasheet HTML 4Page - Texas Instruments DM505 Datasheet HTML 5Page - Texas Instruments DM505 Datasheet HTML 6Page - Texas Instruments DM505 Datasheet HTML 7Page - Texas Instruments DM505 Datasheet HTML 8Page - Texas Instruments DM505 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 290 page
background image
4
DM505
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
www.ti.com
Submit Documentation Feedback
Table of Contents
Copyright © 2016–2017, Texas Instruments Incorporated
Table of Contents
1
Device Overview
......................................... 1
1.1
Features
............................................. 1
1.2
Applications
........................................... 2
1.3
Description
............................................ 2
1.4
Functional Block Diagram
........................... 3
2
Revision History
......................................... 5
3
Device Comparison
..................................... 6
3.1
Device Comparison Table
............................ 6
4
Terminal Configuration and Functions
.............. 8
4.1
Pin Diagram
.......................................... 8
4.2
Pin Attributes
......................................... 8
4.3
Signal Descriptions
.................................. 39
4.4
Pin Multiplexing
..................................... 65
4.5
Connections for Unused Pins
....................... 76
5
Specifications
........................................... 77
5.1
Absolute Maximum Ratings
......................... 77
5.2
ESD Ratings
........................................ 78
5.3
Power on Hour (POH) Limits
........................ 78
5.4
Recommended Operating Conditions
............... 79
5.5
Operating Performance Points
...................... 81
5.6
Power Consumption Summary
...................... 90
5.7
Electrical Characteristics
............................ 90
5.8
Thermal Characteristics
............................. 96
5.9
Timing Requirements and Switching
Characteristics
....................................... 98
6
Detailed Description
.................................. 175
6.1
Description
......................................... 175
6.2
Functional Block Diagram
......................... 175
6.3
DSP Subsystem
................................... 176
6.4
IPU
................................................. 181
6.5
EVE
................................................ 182
6.6
Memory Subsystem
................................ 184
6.7
Interprocessor Communication
.................... 187
6.8
Interrupt Controller
................................. 188
6.9
EDMA
.............................................. 188
6.10
Peripherals
......................................... 190
6.11
On-Chip Debug
.................................... 202
7
Applications, Implementation, and Layout
...... 206
7.1
Introduction
........................................ 206
7.2
Power Optimizations
............................... 207
7.3
Core Power Domains
.............................. 218
7.4
Single-Ended Interfaces
........................... 227
7.5
Differential Interfaces
.............................. 230
7.6
Clock Routing Guidelines
.......................... 232
7.7
LPDDR2 Board Design and Layout Guidelines
.... 233
7.8
DDR2 Board Design and Layout Guidelines
....... 242
7.9
DDR3 Board Design and Layout Guidelines
....... 254
7.10
CVIDEO/SD-DAC Guidelines and Electrical
Data/Timing
........................................ 277
8
Device and Documentation Support
.............. 279
8.1
Device Nomenclature
.............................. 279
8.2
Tools and Software
................................ 281
8.3
Documentation Support
............................ 281
8.4
Receiving Notification of Documentation Updates
. 282
8.5
Community Resources
............................. 282
8.6
Trademarks
........................................ 282
8.7
Electrostatic Discharge Caution
................... 283
8.8
Export Control Notice
.............................. 283
8.9
Glossary
............................................ 283
9
Mechanical Packaging Information
............... 284
9.1
Mechanical Data
................................... 284



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com