Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 96 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 96 Page - Texas Instruments

Back Button DM505 Datasheet HTML 92Page - Texas Instruments DM505 Datasheet HTML 93Page - Texas Instruments DM505 Datasheet HTML 94Page - Texas Instruments DM505 Datasheet HTML 95Page - Texas Instruments DM505 Datasheet HTML 96Page - Texas Instruments DM505 Datasheet HTML 97Page - Texas Instruments DM505 Datasheet HTML 98Page - Texas Instruments DM505 Datasheet HTML 99Page - Texas Instruments DM505 Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 290 page
background image
96
DM505
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
www.ti.com
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Table 5-13. Analog-to-Digital ADC Subsystem Electrical Specifications (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
NOM
MAX
UNIT
Input Sampling Capacitance
3.2
5
pF
Input Frequency adc_in[7:0]
0
30
kHz
Signal-to-Noise Ratio (SNR)
Input Signal: 30 kHz sine wave at -0.5 dB
Full Scale
50
dB
Total Harmonic Distortion
(THD)
1.8 Vpp, 30 kHz sine wave
60
dB
Spurious Free Dynamic
Range
1.8 Vpp, 30 kHz sine wave
60
dB
Signal-to-Noise Plus
Distortion
1.8 Vpp, 30 kHz sine wave
50
dB
adc_vrefp Input Impedance
20
Ω
Sampling Dynamics
Time from Start to Start
17
Clock Cycles
Conversion Time + Error Correction
10 + 1
Clock Cycles
Acquisition time
4
Clock Cycles
Throughput Rate
CLK = 20 MHz (Pin : clk)
1
MSPS
Channel to Channel Isolation
90
dB
ADC Clock Frequency
See
Table 5-1
MHz
(1) Connect adc_vrefp to vdda_adc when not using a positive external reference voltage.
(2) This parameter is valid when the respective AIN terminal is configured to operate as a general-purpose ADC input.
(3) The maximum sample rate assumes a conversion time of 13 ADC clock cycles with the acquisition time configured for the minimum of 2
ADC clock cycles, where it takes a total of 15 ADC clock cycles to sample the analog input and convert it to a positive binary weighted
digital value.
5.8
Thermal Characteristics
For reliability and operability concerns, the maximum junction temperature of the Device has to be at or
below the TJ value identified in , Recommended Operating Conditions.
A BCI compact thermal model for this Device is available and recommended for use when modeling
thermal performance in a system.
Therefore, it is recommended to perform thermal simulations at the system level with the worst case
device power consumption.
5.8.1
Package Thermal Characteristics
Table 5-14 provides the thermal resistance characteristics for the package used on this device.
NOTE
Power dissipation of 4.14 W and an ambient temperature of 65ºC is assumed for ABF
package.
Table 5-14. Thermal Resistance Characteristics
NO.
PARAMET
ER
DESCRIPTION
°C/W(1)
AIR FLOW (m/s)(2)
T1
RΘJC
Junction-to-case
1.41
N/A
T2
RΘJB
Junction-to-board
5.96
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com