Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 99 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 99 Page - Texas Instruments

Back Button DM505 Datasheet HTML 95Page - Texas Instruments DM505 Datasheet HTML 96Page - Texas Instruments DM505 Datasheet HTML 97Page - Texas Instruments DM505 Datasheet HTML 98Page - Texas Instruments DM505 Datasheet HTML 99Page - Texas Instruments DM505 Datasheet HTML 100Page - Texas Instruments DM505 Datasheet HTML 101Page - Texas Instruments DM505 Datasheet HTML 102Page - Texas Instruments DM505 Datasheet HTML 103Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 290 page
background image
vdds18v, vdds18v_ddr1, vdds18v_ddr2,
vdds18v_ddr3
I/O Buffer Voltages
vdda_adc, vdda_csi, vdda_dac, vdda_ddr_dsp,
vdda_gmac_core, vdda_osc, vdda_per
vdds_ddr1, vdds_ddr2, vdds_ddr3
vdd
vdd_dspeve
CORE AVS Voltage
DSPEVE AVS Voltage
vddshv1, vddshv2, vddshv3,
vddshv4, vddshv5
(3), vddshv6
PLL and Analog PHY Voltages
EMIF Voltages
resetn, porz
xi_osc0
Valid Config
sysboot[15:0]
rstoutn
Note 3
Note 4
Note 5
Note 6
Note 8
Note 7
Note 9
Note 10
Note 11
SPRS916_ELCH_01
99
DM505
www.ti.com
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
5.9.3
Power Supply Sequences
This section describes the power-up and power-down sequence required to ensure proper device
operation.
Figure 5-1 and Figure 5-2, describes the Device Power Sequencing.
Figure 5-1. Power-Up Sequencing
(1) Grey shaded areas are windows where it is valid to ramp-up a voltage rail.
(2) Blue dashed lines are not valid windows but show alternate ramp-up possibilities based on whether I/O voltage levels are 1.8V or 3.3V
(see associated note for more details).
(3) vdds18v_* and vdda_* rails should not be combined for best performance to avoid transient switching noise impacts on analog domains.
vdda_* should not ramp-up before vdds18v_* but could ramp concurrently if design ensures final operational voltage will not be reached
until after vdds18v. The preferred sequence is to follow all vdds18v_* to ensure circuit components and PCB design do not cause an
inadvertent violation.
(4) vdds_ddr* should not ramp-up before vdds18v_*. The preferred sequence is to follow all vdds18v_* to ensure circuit components and
PCB design do not cause an inadvertent violation. vdds_ddr* can ramp-up before, concurrently or after vdda_*, there are no
dependencies between vdds_ddr* and vdda_* domains.
–
vdds_ddr* supplies can be combined with vdds18v_* and vdds18v_ddr supplies for DDR2 mode of operation (1.8V) and ramped up
together for simplified power sequencing.
–
If vdds18v_ddr and vdds_ddr* are kept separate from vdds18v_* on board, then this combined DDR supply can come up together
or after the vdds18v_* supply. The DDR supply in this case should never ramp up before the vdds18v_*.
(5) vdd should not ramp-up before vdds18v_* or vdds_ddr* domains.
(6) vdd_dspeve must not exceed vdd core supply and maintain at least 150mV lower voltage on vdd_dspeve vs vdd. vdd_dspeve could
ramp concurrently with vdd if design ensures final operational voltage will not be reached until after vdd and maintains minimum of
150mV less than vdd during entire ramp time. The preferred sequence is to follow vdd to ensure circuit components and PCB design do
not cause an inadvertent violation.
(7) If any of the vddshv[1-6] power rails are used for 1.8V I/O signaling, then these rails can be combined with vdds18v_*.
If 3.3V I/O signaling is required, then these rails must be the last to ramp following vdd_dspeve.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com