Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 95 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 95 Page - Texas Instruments

Back Button DM505 Datasheet HTML 91Page - Texas Instruments DM505 Datasheet HTML 92Page - Texas Instruments DM505 Datasheet HTML 93Page - Texas Instruments DM505 Datasheet HTML 94Page - Texas Instruments DM505 Datasheet HTML 95Page - Texas Instruments DM505 Datasheet HTML 96Page - Texas Instruments DM505 Datasheet HTML 97Page - Texas Instruments DM505 Datasheet HTML 98Page - Texas Instruments DM505 Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 290 page
background image
95
DM505
www.ti.com
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Table 5-12. Dual Voltage LVCMOS DC Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
DESCRIPTION
MIN
NOM
MAX
UNIT
1.8-V Mode
VIH
Input high-level threshold
0.65*VDDS
V
VIL
Input low-level threshold
0.35*VDDS
V
VHYS
Input hysteresis voltage
100
mV
VOH
Output high-level threshold (IOH = 2 mA)
VDDS-0.45
V
VOL
Output low-level threshold (IOL = 2 mA)
0.45
V
IDRIVE
Pin Drive strength at PAD Voltage = 0.45V or VDDS-
0.45V
6
mA
IIN
Input current at each I/O pin
16
µA
IOZ
IOZ(IPAD Current) at each IO pin. PAD is swept from 0
to VDDS and the Max(I(PAD)) is measured and is
reported as IOZ
11.5
µA
IIN with pulldown enabled
Input current at each I/O pin with weak pulldown
enabled measured when PAD = VDDS
60
120
200
µA
IIN with pullup enabled
Input current at each I/O pin with weak pullup enabled
measured when PAD = 0
60
120
210
µA
CPAD
Pad capacitance (including package capacitance)
4
pF
ZO
Output impedance (drive strength)
40
Ω
3.3-V Mode
VIH
Input high-level threshold
2
V
VIL
Input low-level threshold
0.8
V
VHYS
Input hysteresis voltage
200
mV
VOH
Output high-level threshold (IOH =100µA)
VDDS-0.2
V
VOL
Output low-level threshold (IOL = 100µA)
0.2
V
IDRIVE
Pin Drive strength at PAD Voltage = 0.45V or VDDS-
0.45V
6
mA
IIN
Input current at each I/O pin
64
µA
IOZ
IOZ(IPAD Current) at each IO pin. PAD is swept from 0
to VDDS and the Max(I(PAD)) is measured and is
reported as IOZ
64
µA
IIN with pulldown enabled
Input current at each I/O pin with weak pulldown
enabled measured when PAD = VDDS
10
100
290
µA
IIN with pullup enabled
Input current at each I/O pin with weak pullup enabled
measured when PAD = 0
40
100
200
µA
CPAD
Pad capacitance (including package capacitance)
4
pF
ZO
Output impedance (drive strength)
40
Ω
(1) VDDS in this table stands for corresponding power supply. For more information on the power supply name and the corresponding ball,
see Table 4-1, POWER [10] column.
Table 5-13. Analog-to-Digital ADC Subsystem Electrical Specifications
over operating free-air temperature range (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
NOM
MAX
UNIT
Analog Input
Full-scale Input Range
adc_vrefp
V
Vref
Should be less than or equal to vdds_18v.
1.62
vdds_18v
V
Differential Non-Linearity
(DNL)
-1
1
LSB
Integral Non-Linearity (INL)
adc_vrefp = vdds_18v
±2
LSB
Gain Error
adc_vrefp = vdds_18v
±4
LSB
Offset Error
adc_vrefp = vdds_18v
±3
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com