Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 57 Page - Texas Instruments

Back Button DM505 Datasheet HTML 53Page - Texas Instruments DM505 Datasheet HTML 54Page - Texas Instruments DM505 Datasheet HTML 55Page - Texas Instruments DM505 Datasheet HTML 56Page - Texas Instruments DM505 Datasheet HTML 57Page - Texas Instruments DM505 Datasheet HTML 58Page - Texas Instruments DM505 Datasheet HTML 59Page - Texas Instruments DM505 Datasheet HTML 60Page - Texas Instruments DM505 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 290 page
background image
57
DM505
www.ti.com
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
Submit Documentation Feedback
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
Table 4-20. GPIOs Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
gpio1_2
General-Purpose Input/Output
IO
E12
gpio1_3
General-Purpose Input/Output
IO
F12
gpio1_4
General-Purpose Input/Output
IO
A10
gpio1_5
General-Purpose Input/Output
IO
B10
gpio1_6
General-Purpose Input/Output
IO
C10
gpio1_7
General-Purpose Input/Output
IO
E10
gpio1_8
General-Purpose Input/Output
IO
D10
gpio1_9
General-Purpose Input/Output
IO
A9
gpio1_10
General-Purpose Input/Output
IO
B9
gpio1_11
General-Purpose Input/Output
IO
F10
gpio1_12
General-Purpose Input/Output
IO
C8
gpio1_13
General-Purpose Input/Output
IO
D8
gpio1_14
General-Purpose Input/Output
IO
E8
gpio1_15
General-Purpose Input/Output
IO
A7
gpio1_16
General-Purpose Input/Output
IO
F8
gpio1_17
General-Purpose Input/Output
IO
B7
gpio1_18
General-Purpose Input/Output
IO
A6
gpio1_19
General-Purpose Input/Output
IO
F7
gpio1_20
General-Purpose Input/Output
IO
E7
gpio1_21
General-Purpose Input/Output
IO
C6
gpio1_22
General-Purpose Input/Output
IO
B6
gpio1_23
General-Purpose Input/Output
IO
A5
gpio1_24
General-Purpose Input/Output
IO
D6
gpio1_25
General-Purpose Input/Output
IO
C5
gpio1_26
General-Purpose Input/Output
IO
B5
gpio1_27
General-Purpose Input/Output
IO
D7
gpio1_28
General-Purpose Input/Output
IO
B4
gpio1_29
General-Purpose Input/Output
IO
A4
gpio1_30
General-Purpose Input/Output
IO
F22
gpio1_31
General-Purpose Input/Output
IO
F21
GPIO 2
gpio2_0
General-Purpose Input/Output
IO
F20
gpio2_1
General-Purpose Input/Output
IO
F19
gpio2_2
General-Purpose Input/Output
IO
G19
gpio2_3
General-Purpose Input/Output
IO
G18
gpio2_4
General-Purpose Input/Output
IO
G21
gpio2_5
General-Purpose Input/Output
IO
G22
gpio2_6
General-Purpose Input/Output
IO
H18
gpio2_7
General-Purpose Input/Output
IO
H20
gpio2_8
General-Purpose Input/Output
IO
H19
gpio2_9
General-Purpose Input/Output
IO
H22
gpio2_10
General-Purpose Input/Output
IO
H21
gpio2_11
General-Purpose Input/Output
IO
J17
gpio2_12
General-Purpose Input/Output
IO
K22
gpio2_13
General-Purpose Input/Output
IO
K21
gpio2_14
General-Purpose Input/Output
IO
K18
gpio2_15
General-Purpose Input/Output
IO
K17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com