Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 92 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 92 Page - Texas Instruments

Back Button DM505 Datasheet HTML 88Page - Texas Instruments DM505 Datasheet HTML 89Page - Texas Instruments DM505 Datasheet HTML 90Page - Texas Instruments DM505 Datasheet HTML 91Page - Texas Instruments DM505 Datasheet HTML 92Page - Texas Instruments DM505 Datasheet HTML 93Page - Texas Instruments DM505 Datasheet HTML 94Page - Texas Instruments DM505 Datasheet HTML 95Page - Texas Instruments DM505 Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 290 page
background image
92
DM505
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
www.ti.com
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Table 5-7. Dual Voltage LVCMOS I2C DC Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
NOM
MAX
UNIT
IOZ
IOZ(IPAD Current) at each IO pin. PAD is swept from 0 to VDDS and the
Max(I(PAD)) is measured and is reported as IOZ
12
µA
CI
Input capacitance
10
pF
VOL3
Output low-level threshold open-drain at 3-mA sink current
0.2*VDDS
V
IOLmin
Low-level output current @VOL=0.2*VDDS
3
mA
tOF
Output fall time from VIHmin to VILmax with a bus capacitance CB from 10 pF
to 400 pF
20+0.1*Cb
250
ns
I2C Standard Mode – 3.3 V
VIH
Input high-level threshold
0.7*VDDS
V
VIL
Input low-level threshold
0.3*VDDS
V
Vhys
Hysteresis
0.05*VDD
S
V
II
Input current at each I/O pin with an input voltage between 0.1*VDDS to
0.9*VDDS
31
80
µA
IOZ
IOZ(IPAD Current) at each IO pin. PAD is swept from 0 to VDDS and the
Max(I(PAD)) is measured and is reported as IOZ
31
80
µA
CI
Input capacitance
10
pF
VOL3
Output low-level threshold open-drain at 3-mA sink current
0.4
V
IOLmin
Low-level output current @VOL=0.4V
3
mA
IOLmin
Low-level output current @VOL=0.6V for full drive load (400pF/400KHz)
6
mA
tOF
Output fall time from VIHmin to VILmax with a bus capacitance CB from 5 pF
to 400 pF
250
ns
I2C Fast Mode – 3.3 V
VIH
Input high-level threshold
0.7*VDDS
V
VIL
Input low-level threshold
0.3*VDDS
V
Vhys
Hysteresis
0.05*VDD
S
V
II
Input current at each I/O pin with an input voltage between 0.1*VDDS to
0.9*VDDS
31
80
µA
IOZ
IOZ(IPAD Current) at each IO pin. PAD is swept from 0 to VDDS and the
Max(I(PAD)) is measured and is reported as IOZ
31
80
µA
CI
Input capacitance
10
pF
VOL3
Output low-level threshold open-drain at 3-mA sink current
0.4
V
IOLmin
Low-level output current @VOL=0.4V
3
mA
IOLmin
Low-level output current @VOL=0.6V for full drive load (400pF/400KHz)
6
mA
tOF
Output fall time from VIHmin to VILmax with a bus capacitance CB from 10
pF to 200 pF (Proper External Resistor Value should be used as per I2C
spec)
20+0.1*Cb
250
ns
Output fall time from VIHmin to VILmax with a bus capacitance CB from 300
pF to 400 pF (Proper External Resistor Value should be used as per I2C
spec)
40
290
(1) VDDS in this table stands for corresponding power supply (i.e. vddshv3). For more information on the power supply name and the
corresponding ball, see Table 4-1, POWER [10] column.
(2) For more information on the I/O cell configurations, see the Control Module section of the Device TRM.
Table 5-8. IQ1833 Buffers DC Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
NOM
MAX
UNIT
Signal Names in MUXMODE 0: tclk;
Balls ABF: J2;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com