Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 81 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 81 Page - Texas Instruments

Back Button DM505 Datasheet HTML 77Page - Texas Instruments DM505 Datasheet HTML 78Page - Texas Instruments DM505 Datasheet HTML 79Page - Texas Instruments DM505 Datasheet HTML 80Page - Texas Instruments DM505 Datasheet HTML 81Page - Texas Instruments DM505 Datasheet HTML 82Page - Texas Instruments DM505 Datasheet HTML 83Page - Texas Instruments DM505 Datasheet HTML 84Page - Texas Instruments DM505 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 290 page
background image
81
DM505
www.ti.com
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
5.5
Operating Performance Points
This section describes the operating conditions of the device. This section also contains the description of
each OPP (operating performance point) for processor clocks and device core clocks.
Table 5-1 describes the maximum supported frequency per speed grade for the devices.
Table 5-1. Speed Grade Maximum Frequency
Device Speed
Maximum frequency (MHz)
DSP
EVE
IPU
ISS
L3
DDR3/DDR3L
DDR2
LPDDR2
ADC
DM505xxR
745
667
212.8
212.8
266
532 (DDR-1066)
400 (DDR-800)
333 (DDR-667)
20
5.5.1
AVS Requirements
Adaptive Voltage Scaling (AVS) is required on most of the vdd_* supplies as defined in Table 5-2.
Table 5-2. AVS Requirements per vdd_* Supply
Supply
AVS Required?
vdd
Yes, for all OPPs
vdd_dspeve
Yes, for all OPPs
5.5.2
Voltage And Core Clock Specifications
Table 5-3 shows the recommended OPP per voltage domain.
Table 5-3. Voltage Domains Operating Performance Points
DOMAIN
CONDITION
OPP_NOM
OPP_OD
OPP_HIGH
MIN (2)
NOM (1)
MAX (2)
MIN (2)
NOM (1)
MAX (2)
MIN (2)
NOM (1)
MAX DC (3)
MAX (2)
VD_CORE (V)
BOOT (Before
AVS is enabled)
(4)
1.02
1.06
1.11
Not Applicable
Not Applicable
After AVS is
enabled (4)
AVS
Voltage
(5) –
3.5%
AVS
Voltage
(5)
1.11
Not Applicable
Not Applicable
VD_DSPEVE
(V)
BOOT (Before
AVS is enabled)
(4)
1.02
1.06
1.11
Not Applicable
Not Applicable
After AVS is
enabled (4)
AVS
Voltage
(5) –
3.5%
AVS
Voltage
(5)
1.11
AVS
Voltage
(5) –
3.5%
AVS
Voltage
(5)
AVS
Voltage
(5) + 5%
AVS
Voltage
(5) –
3.5%
AVS
Voltage
(5)
AVS
Voltage (5)
+ 2%
AVS
Voltage
(5) + 5%
(1) In a typical implementation, the power supply should target the NOM voltage.
(2) The voltage at the device ball should never be below the MIN voltage or above the MAX voltage for any amount of time. This
requirement includes dynamic voltage events such as AC ripple, voltage transients, voltage dips, etc.
(3) The DC voltage at the device ball should never be above the MAX DC voltage to avoid impact on device reliability and lifetime POH
(Power-On-Hours). The MAX DC voltage is defined as the highest allowed DC regulated voltage, without transients, seen at the ball.
(4) For all OPPs, AVS must be enabled to avoid impact on device reliability, lifetime POH (Power-On-Hours), and device power.
(5) The AVS voltages are device-dependent, voltage domain-dependent, and OPP-dependent. They must be read from the
STD_FUSE_OPP. For information about STD_FUSE_OPP Registers address, please refer to Control Module Section of the TRM. The
power supply should be adjustable over the following ranges for each required OPP:
–
OPP_NOM: 0.85V - 1.06V
–
OPP_OD: 0.94V - 1.15V
–
OPP_HIGH: 1.05V - 1.25V
The AVS Voltages will be within the above specified ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com