Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 167 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 167 Page - Texas Instruments

Back Button DM505 Datasheet HTML 163Page - Texas Instruments DM505 Datasheet HTML 164Page - Texas Instruments DM505 Datasheet HTML 165Page - Texas Instruments DM505 Datasheet HTML 166Page - Texas Instruments DM505 Datasheet HTML 167Page - Texas Instruments DM505 Datasheet HTML 168Page - Texas Instruments DM505 Datasheet HTML 169Page - Texas Instruments DM505 Datasheet HTML 170Page - Texas Instruments DM505 Datasheet HTML 171Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 290 page
background image
DS2
DS1
DS0
DS3
DS4
mmc_clk
mmc_cmd
mmc_dat[3:0]
SPRS91v_MMC_02
DS2
DS1
DS0
DS6
DS5
DS8
DS7
mmc_clk
mmc_cmd
mmc_dat[3:0]
SPRS91v_MMC_01
167
DM505
www.ti.com
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Table 5-69. Switching Characteristics for MMC - SD/SDIO Default Speed Mode (continued)
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
DS2
tw(clkL)
Pulse duration, mmc_clk low
0.5*P-
0.270
ns
DS3
td(clkL-cmdV)
Delay time, mmc_clk falling clock edge to mmc_cmd transition
-14.93
14.93
ns
DS4
td(clkL-dV)
Delay time, mmc_clk falling clock edge to mmc_dat[i:0] transition
-14.93
14.93
ns
(1) P = output mmc_clk period in ns
(2) i in [i:0] = 3
Figure 5-49. MMC/SD/SDIOj in - Default Speed - Receiver Mode
Figure 5-50. MMC/SD/SDIOj in - Default Speed - Transmiter Mode
5.9.6.15.2 MMC, SD High Speed
Figure 5-51, Figure 5-52, Table 5-70, and Table 5-71 present Timing requirements and Switching
characteristics for MMC - SD and SDIO High speed in receiver and transmiter mode.
Table 5-70. Timing Requirements for MMC - SD/SDIO High Speed Mode
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
HS3
tsu(cmdV-clkH)
Setup time, mmc_cmd valid before mmc_clk rising clock edge
5.3
ns
HS4
th(clkH-cmdV)
Hold time, mmc_cmd valid after mmc_clk rising clock edge
2.6
ns
HS7
tsu(dV-clkH)
Setup time, mmc_dat[i:0] valid before mmc_clk rising clock edge
5.3
ns
HS8
th(clkH-dV)
Hold time, mmc_dat[i:0] valid after mmc_clk rising clock edge
2.6
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com