Electronic Components Datasheet Search
  English  ▼

X  

IC-LO Datasheet(PDF) 5 Page - IC-Haus GmbH

Part # IC-LO
Description  TRIANGULATION SENSOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LO Datasheet(HTML) 5 Page - IC-Haus GmbH

  IC-LO Datasheet HTML 1Page - IC-Haus GmbH IC-LO Datasheet HTML 2Page - IC-Haus GmbH IC-LO Datasheet HTML 3Page - IC-Haus GmbH IC-LO Datasheet HTML 4Page - IC-Haus GmbH IC-LO Datasheet HTML 5Page - IC-Haus GmbH IC-LO Datasheet HTML 6Page - IC-Haus GmbH IC-LO Datasheet HTML 7Page - IC-Haus GmbH IC-LO Datasheet HTML 8Page - IC-Haus GmbH IC-LO Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
prel
imin
ary
prel
imin
ary
iC-LO
TRIANGULATION SENSOR
Rev B3, Page 5/25
ABSOLUTE MAXIMUM RATINGS
Beyond these values damage may occur; device operation is not guaranteed.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Max.
G001 V()
Supply Voltage at VCC, VDD
-0.3
6
V
G002 V()
Voltage at digital inputs MOSI, SCK,
NCS
-0.3
VDD + 0.3
V
G003 I()
Current in WARN, NSO, SO, MISO,
MOSI, SCK, NCS, NRES, GND
-40
40
mA
G004 I()
Current in VCC, GNDA
-50
50
mA
G005 I()
Current in VDD
-40
70
mA
G006 I()
Current in VCCL
-70
40
mA
G007 I()
Current in LED
-40
1600
mA
G008 I()
Current in GNDL
-1600
40
mA
G009 Tj
Chip-Temperature
-40
125
°C
G010 Ts
Storage Temperature Range
see package specification
G011 Vd()
ESD Susceptibility at all pins
HBM 100 pF discharged through 1.5 kΩ
2
kV
THERMAL DATA
Operating Conditions: VDDA = VDD = 5 V ±10%
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
T01 Ta
Operating Ambient Temperature Range see package specification
-40
85
°C
All voltages are referenced to Pin GNDA unless otherwise stated.
All currents flowing into the device pins are positive; all currents flowing out of the device pins are negative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com