Electronic Components Datasheet Search
  English  ▼

X  

IC-LO Datasheet(PDF) 17 Page - IC-Haus GmbH

Part # IC-LO
Description  TRIANGULATION SENSOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LO Datasheet(HTML) 17 Page - IC-Haus GmbH

Back Button IC-LO Datasheet HTML 13Page - IC-Haus GmbH IC-LO Datasheet HTML 14Page - IC-Haus GmbH IC-LO Datasheet HTML 15Page - IC-Haus GmbH IC-LO Datasheet HTML 16Page - IC-Haus GmbH IC-LO Datasheet HTML 17Page - IC-Haus GmbH IC-LO Datasheet HTML 18Page - IC-Haus GmbH IC-LO Datasheet HTML 19Page - IC-Haus GmbH IC-LO Datasheet HTML 20Page - IC-Haus GmbH IC-LO Datasheet HTML 21Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
prel
imin
ary
prel
imin
ary
iC-LO
TRIANGULATION SENSOR
Rev B3, Page 17/25
TAF
Addr. 0x0A; bit 1:0
RW
Code
Description
0x0
0 ms
0x1
5 ms
0x2
20 ms
0x3
50 ms
Table 25: Fall Delay
SYSTEM CLOCK
The frequency of the internal oscillator must be trimmed
to ensure correct timing. For this purpose the system
clock can be output at pin WARN using the command
OSC_OUT_ON (table 27).
OSC
Addr. 0x0B; bit 3:0
RW
Code
Description
0x0
-20%
0x1
-17.5%
. . .
0x8
0%
. . .
0xF
17.5%
Table 26: System Clock Setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com