Electronic Components Datasheet Search
  English  ▼

X  

IC-LO Datasheet(PDF) 9 Page - IC-Haus GmbH

Part # IC-LO
Description  TRIANGULATION SENSOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LO Datasheet(HTML) 9 Page - IC-Haus GmbH

Back Button IC-LO Datasheet HTML 5Page - IC-Haus GmbH IC-LO Datasheet HTML 6Page - IC-Haus GmbH IC-LO Datasheet HTML 7Page - IC-Haus GmbH IC-LO Datasheet HTML 8Page - IC-Haus GmbH IC-LO Datasheet HTML 9Page - IC-Haus GmbH IC-LO Datasheet HTML 10Page - IC-Haus GmbH IC-LO Datasheet HTML 11Page - IC-Haus GmbH IC-LO Datasheet HTML 12Page - IC-Haus GmbH IC-LO Datasheet HTML 13Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
prel
imin
ary
prel
imin
ary
iC-LO
TRIANGULATION SENSOR
Rev B3, Page 9/25
OPERATING REQUIREMENTS: SPI Interface
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Max.
I001 tC1
Permissible Cycle Time
see Elec. Char. No.: I10
1/f(SCK)
I002 tW1
Wait Time:
between NCS lo → hi and NCS
hi → lo
without measurement
2
µs
with measurement
100
µs
I003 tS1
Setup Time:
NCS lo before SCK lo → hi
50
ns
I004 tP1
Propagation Delay:
MISO stable after NCS hi → lo
100
ns
I005 tP2
Propagation Delay:
MISO high impedance after NCS lo → hi
100
ns
I006 tH1
Hold Time:
NCS lo after SCK lo → hi
100
ns
I007 tS2
Setup Time:
MOSI stable before SCK lo → hi
100
ns
I008 tH2
Hold Time:
MOSI stable after SCK lo → hi
100
ns
I009 tP3
Propagation Delay:
MISO stable after MOSI change
mode: repeating MOSI on MISO
100
ns
I010 tP4
Propagation Delay:
MISO stable after SCK hi → lo
mode: sending data on MISO
125
ns
SCK
NCS
MOSI
MISO
t
W1
t
S1
t
S2 tH2
t
C1
t
P1
t
P2
t
P3
t
P4
MSB in
LSB in
MSB in
LSB in
MSB out
LSB out
t
H1
Figure 1: Timing SPI Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com