Electronic Components Datasheet Search
  English  ▼

X  

IC-LO Datasheet(PDF) 24 Page - IC-Haus GmbH

Part # IC-LO
Description  TRIANGULATION SENSOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LO Datasheet(HTML) 24 Page - IC-Haus GmbH

Back Button IC-LO Datasheet HTML 17Page - IC-Haus GmbH IC-LO Datasheet HTML 18Page - IC-Haus GmbH IC-LO Datasheet HTML 19Page - IC-Haus GmbH IC-LO Datasheet HTML 20Page - IC-Haus GmbH IC-LO Datasheet HTML 21Page - IC-Haus GmbH IC-LO Datasheet HTML 22Page - IC-Haus GmbH IC-LO Datasheet HTML 23Page - IC-Haus GmbH IC-LO Datasheet HTML 24Page - IC-Haus GmbH IC-LO Datasheet HTML 25Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
prel
imin
ary
prel
imin
ary
iC-LO
TRIANGULATION SENSOR
Rev B3, Page 24/25
REVISION HISTORY
Rel.
Rel. Date∗
Chapter
Modification
Page
A1
12-01-11
Initial Release
n.a.
Rel.
Rel. Date∗
Chapter
Modification
Page
B1
14-05-26
iC-LO specification language only English
n.a.
LED DRIVER
Item L03 prior iC-LO Y:
I(LED)nom Nominal Current in LED V(LED) = Vs(LED)lo
LCC = 0x0 86 mA
LCC = 0x7 180 mA
LCC = 0x8 420 mA
LCC = 0xF 825 mA
12
PACKAGING INFORMATION
oBGA replaced by optoBGA
1, 4
ELECTRICAL
CHARACTERISTICS
Item 502: typical values corrected
7
ELECTRICAL
CHARACTERISTICS
Item L01: min value changed
Item L05: condition changed LCO = 0x1
Item L06 to L09: condition changed LCO = 0x0
Item 502: typical values corrected
Item L12 added
8
SPI INTERFACE
SPI interface description and timing and conditions added
20
SPI INTERFACE
Differing to SPI specification mentioned above the MISO Pin of iC-LO is Tri State when
NCS = 1.
20
Rel.
Rel. Date∗
Chapter
Modification
Page
B2
14-10-30
NEAR/FAR CHANNEL PARTITION
AND AMPLIFICATION
Table 11: Transimpedance Mode TIM additional column Rac 112,5kΩ downto 101Ω
13
STARTUP BEHAVIOR,
OPERATING MODES, AND
STATUS REGISTER
Parameter STATUS(3:0):
changed from KD into LEDOK, NKDF, KSW, KSE for chip revision iC-LO Y
19
DESIGN REVIEW
Chapter added
23
Rel.
Rel. Date∗
Chapter
Modification
Page
B3
2016-08-05 ELECTRICAL
CHARACTERISTICS
Item 203: typical values aligned
ORDERING INFORMATION
Order designation for package option added: iC-LO oBGA LO1C IR-Filter added
iC-Haus expressly reserves the right to change its products and/or specifications. An info letter gives details as to any amendments and additions made to the
relevant current specifications on our internet website www.ichaus.com/infoletter; this letter is generated automatically and shall be sent to registered users by
email.
Copying – even as an excerpt – is only permitted with iC-Haus’ approval in writing and precise reference to source.
iC-Haus does not warrant the accuracy, completeness or timeliness of the specification and does not assume liability for any errors or omissions in these
materials.
The data specified is intended solely for the purpose of product description. No representations or warranties, either express or implied, of merchantability, fitness
for a particular purpose or of any other nature are made hereunder with respect to information/specification or the products to which information refers and no
guarantee with respect to compliance to the intended use is given. In particular, this also applies to the stated possible applications or areas of applications of
the product.
iC-Haus products are not designed for and must not be used in connection with any applications where the failure of such products would reasonably be expected
to result in significant personal injury or death (Safety-Critical Applications) without iC-Haus’ specific written consent. Safety-Critical Applications include, without
limitation, life support devices and systems. iC-Haus products are not designed nor intended for use in military or aerospace applications or environments or in
automotive applications unless specifically designated for such use by iC-Haus.
iC-Haus conveys no patent, copyright, mask work right or other trade mark right to this product. iC-Haus assumes no liability for any patent and/or other trade
mark rights of a third party resulting from processing or handling of the product and/or any other use of the product.
∗ Release Date format: YYYY-MM-DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com