Electronic Components Datasheet Search
  English  ▼

X  

IC-LO Datasheet(PDF) 18 Page - IC-Haus GmbH

Part # IC-LO
Description  TRIANGULATION SENSOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LO Datasheet(HTML) 18 Page - IC-Haus GmbH

Back Button IC-LO Datasheet HTML 14Page - IC-Haus GmbH IC-LO Datasheet HTML 15Page - IC-Haus GmbH IC-LO Datasheet HTML 16Page - IC-Haus GmbH IC-LO Datasheet HTML 17Page - IC-Haus GmbH IC-LO Datasheet HTML 18Page - IC-Haus GmbH IC-LO Datasheet HTML 19Page - IC-Haus GmbH IC-LO Datasheet HTML 20Page - IC-Haus GmbH IC-LO Datasheet HTML 21Page - IC-Haus GmbH IC-LO Datasheet HTML 22Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
prel
imin
ary
prel
imin
ary
iC-LO
TRIANGULATION SENSOR
Rev B3, Page 18/25
STARTUP BEHAVIOR, OPERATING MODES, AND STATUS REGISTER
Startup behavior and operating modes
After iC-LO has started up all internal registers and
counters are reset to 0. Switching outputs SO and NSO
are thus at 0. The warning output is activated. The
device waits for further commands (operating mode
STARTUP/RESET).
Implemented commands
By writing to address 0x0E commands can be executed
and the device operating mode changed.
OP
Addr. 0x0E; bit 7:0
W
Code
Command
Description
0x00
STARTUP/RESET
Operating mode after
power-down (reset of
digital filters)
0x02
SINGLE_MEASURE
Single measurement
cycle started with rising
NCS edge
0x03
PERIODIC_MEASURE
Periodic measurement
cycles, paused with
NCS = ’0’ (normal
operation mode)
0x04
OSC_OUT_ON
Output 1 MHz clock at
pin WARN
0x06
REG_PROT_ON
Disable write access to
registers 0x0-0xD
0x07
REG_PROT_OFF
Enable write access to
registers 0x0-0xD
0x08
TST_SO_ON
Output active
0x09
TST_SO_OFF
Output inactive
0x0A
TST_WARN_ON
Set warning output to ’1’
0x0B
TST_WARN_OFF
Set warning output to ’0’
...0xFF
reserved for device test
Table 27: Implemented Commands
With command STARTUP/RESET internal state ma-
chines, counters, and the status register are reset. The
device waits for further commands.
Command OSC_OUT_ON enables the output of a
1 MHz clock (based on the system clock) through pin
WARN.
With command REG_PROT_ON the internal configu-
ration register addresses 0x00 . . . 0x0D are protected
against overwriting. This write protection can be can-
celled by command REG_PROT_OFF.
Command TST_SO_ON sets switching output SO to
active and NSO to inactive regardless of the internal
SOI state (observe SOCNO and SOEN programming).
Command TST_SO_OFF sets switching output SO to
inactive and NSO to active regardless of the internal
SOI state (observe SOCNO and SOEN programming).
Command TST_WARN_ON sets warning output
WARN to 1 regardless of the internal WARNI state.
Command TST_WARN_OFF sets warning output
WARN to 0 regardless of the internal WARNI state.
Status register
The status register is read out on a read access to
register 0x0F. The switching state, warning, and tran-
simpedance mode from the last measurement cycle
are stored here, plus the last comparator results of
the differential- (NKDF), warning- (KSW) and errorcom-
parator (KSE). The result of the differentialcomparator
is stored invertedly. Additionally the result of the LED
driver current monitoring LEDOK is stored. Its vaule
is ’1’ when the integrated LED driver is used and the
LED is functioning properly. Otherwise its value is ’0’.
The switching state (SOI) stored in the register is in-
dependent of SOCNO (see page 16). Coding of TII is
equivalent to that of TIM(1:0) (table 11).
STATUS
Addr. 0x0F; bit 7:0
R
Bit
Name
Description
7
SOI
Output from last
measurement cycle
6
WARNI
Warning from last
measurement cycle
5:4
TII
Transimpedance of last
measurement
3
NKDF
Last comparator result
2
KSW
Last warning threshold
result
1
KSE
Last error threshold
result
0
LEDOK
LED current status
Table 28: Status Register 0x0F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com