Electronic Components Datasheet Search
  English  ▼

X  

IC-LO Datasheet(PDF) 15 Page - IC-Haus GmbH

Part # IC-LO
Description  TRIANGULATION SENSOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LO Datasheet(HTML) 15 Page - IC-Haus GmbH

Back Button IC-LO Datasheet HTML 11Page - IC-Haus GmbH IC-LO Datasheet HTML 12Page - IC-Haus GmbH IC-LO Datasheet HTML 13Page - IC-Haus GmbH IC-LO Datasheet HTML 14Page - IC-Haus GmbH IC-LO Datasheet HTML 15Page - IC-Haus GmbH IC-LO Datasheet HTML 16Page - IC-Haus GmbH IC-LO Datasheet HTML 17Page - IC-Haus GmbH IC-LO Datasheet HTML 18Page - IC-Haus GmbH IC-LO Datasheet HTML 19Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
prel
imin
ary
prel
imin
ary
iC-LO
TRIANGULATION SENSOR
Rev B3, Page 15/25
RECEIVED SIGNAL MONITORING
Two sum comparators have been integrated to monitor
the system and evaluate the intensity of the received
light pulse. A switching threshold can be configured
separately for each of the comparators. The warning
threshold is configured by using VTHSW and an error
threshold by using VTHSE. If the received light pulse
undershoots the relevant set threshold, the correspond-
ing comparator output (KSw and KSe, see block dia-
gram) is set to low. It makes sense to set the warning
threshold higher than the error threshold. The warning
threshold could indicate that the sensor is contaminated.
If the intensity of the received light pulse undershoots
the error threshold, the switching output is deactivated
as a decision cannot be safely made (see table 21).
THSW
Addr. 0x05; bit 4:0
RW
THSE
Addr. 0x06; bit 4:0
RW
Code
Description
0x00
VTHSx = 2.8 mV
0x01
VTHSx = 5.6 mV
..
0x1F
VTHSx = 89.6 mV
Table 17: Thresholds Sum Comparators, x = W, E
SAMPLE POINT, DIGITAL SIGNAL CONDITIONING, AND OUTPUT CONFIGURATION
The signal conditioning chain between the comparator
outputs and the switching outputs is shown in figure 4.
Figure 4: Digital processing and signal output
Digital filter
To improve noise immunity a measurement cycle (see
figure 5), which results in an update of the switching
and warning outputs, can consist of several individual
measurements (see figure 6). The number of individual
measurements in a measurement cycle is set using FIN.
After each individual measurement the last individual
measurements set through FIN are collated to form a
measurement cycle and evaluated.
Measurement cycle consisting of FIN-single measurements
Single measurement
Update
switching
output
Figure 5: Measurement cycle
In doing so, each comparator output (KD, KSw, and
KSe) is separately filtered. There must then be a
minimum number of individual measurements comple-
mentary to the current filtered comparator output (KDF,
KSwF, and KSeF) so that the corresponding filtered
comparator output changes its state. This number is
configured using FIM.
FIN
Addr. 0x09; bit 3:0
RW
Code
Description
0x0
1
0x1
2
0x2
3
. . .
0xF
16
Table 18: Number of Measurements Per Cycle
FIM
Addr. 0x09; bit 7:4
RW
Code
Description
0x0
1
0x1
2
0x2
3
. . .
0xF
16
Table 19: Number of Measurements Complementary to
Current Comparator State
Sample point in time
The point in time at which the outputs of the three com-
parators are sampled during an individual measurement
(tsample, see figure 6) can be shifted using parameter
SKO. This shift is always referenced to the rising edge
of the light pulse generated in the LED driver.
Light pulse
Single measurement
t
sample
t(SKO)
Figure 6: Single measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com