Electronic Components Datasheet Search
  English  ▼

X  

IC-LO Datasheet(PDF) 8 Page - IC-Haus GmbH

Part # IC-LO
Description  TRIANGULATION SENSOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LO Datasheet(HTML) 8 Page - IC-Haus GmbH

Back Button IC-LO Datasheet HTML 4Page - IC-Haus GmbH IC-LO Datasheet HTML 5Page - IC-Haus GmbH IC-LO Datasheet HTML 6Page - IC-Haus GmbH IC-LO Datasheet HTML 7Page - IC-Haus GmbH IC-LO Datasheet HTML 8Page - IC-Haus GmbH IC-LO Datasheet HTML 9Page - IC-Haus GmbH IC-LO Datasheet HTML 10Page - IC-Haus GmbH IC-LO Datasheet HTML 11Page - IC-Haus GmbH IC-LO Datasheet HTML 12Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
prel
imin
ary
prel
imin
ary
iC-LO
TRIANGULATION SENSOR
Rev B3, Page 8/25
ELECTRICAL CHARACTERISTICS
Operating Conditions: VCC = VDD = 5 V±10 %, Tj = -40. . . 85 °C, fOSC = 2 MHz, unless otherwise stated.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Low-Side LED driver VCCL, GNDL, LED
L01 I(VCCL)
Short-Circuit Current from VCCL V(VCCL) = V(GNDA)
-57
-39
mA
L02 Vs()hi
Saturation Voltage hi at VCCL
Vs(VCCL)hi = V(VDD) − V(VCCL);
I(VCCL) = -35 mA
0.85
V
L03 I(LED)nom Nominal Current in LED
LCC = 0x00
86
mA
LCC = 0x07
180
mA
LCC = 0x08
155
mA
LCC = 0x0F
320
mA
LCC = 0x10
295
mA
LCC = 0x17
636
mA
LCC = 0x18
593
mA
LCC = 0x1F
1150
mA
L04 C
Backup Capacitor for LED driver between VCCL and GNDL
10
µF
L05 Vs(LED)lo Saturation Voltage lo at LED
Vs(LED)lo = V(LED) − V(GNDL);
LCO = 0x1 (LED-driver mode),
I(LED) = I(LED)nom
2
V
L06 Vs(LED)hi Saturation Voltage hi at LED
Vs(LED)hi = VDD − V(LED);
LCO = 0x0 (CMOS-Output),
I(LED) = -1.6 mA
350
mV
L07 Vs(LED)lo Saturation Voltage lo at LED
LCO = 0x0 (CMOS-Output),
I(LED) = 1.6 mA
300
mV
L08 Isc()hi
Short-Circuit Current hi at LED
LCO = 0x0 (CMOS-Output)
-35
-1.7
mA
L09 Isc()lo
Short-Circuit Current lo at LED
LCO = 0x0 (CMOS-Output)
1.7
35
mA
L10 fPER
Pulse Frequency
PER = 0x1
13.9
kHz
PER = 0x3
5
kHz
L11 tPW
Pulse Width
PW = 0x0
2
µs
PW = 0xF
9.5
µs
L12 I(LED)err
/I(LED)typ
Current monitoring threshold
I(LED)typ = I(LED)@V(LED)=2V
LCO = 0x1
LCC = 0x00 . . . 0x0F
10
40
70
%
LCC = 0x10 . . . 0x1F
5
30
50
%
Digital Outputs SO, NSO, WARN, NRES
O01 Vs()hi
Saturation Voltage hi at SO, NSO,
WARN, NRES
Vs()hi = VDD − V();
I() = -1.6 mA
350
mV
O02 Vs()lo
Saturation Voltage lo at SO, NSO,
WARN, NRES
I() = 1.6 mA
300
mV
O03 Isc()hi
Short circuit current hi at SO,
NSO, WARN, NRES
-35
-1.7
mA
O04 Isc()lo
Short circuit current lo at SO,
NSO, WARN, NRES
1.7
35
mA
Power-Down Reset NRES
R01 Vt(VCC)hi Turn-on Threshold VCC
3.9
V
R02 Vt(VCC)lo Turn-off Threshold VCC
3.0
V
R03 Hys(VCC) Hysteresis VCC
150
400
mV
R04 td
Delay at NRES
VCC switched on
20
40
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com