Electronic Components Datasheet Search
  English  ▼

X  

IC-LO Datasheet(PDF) 1 Page - IC-Haus GmbH

Part # IC-LO
Description  TRIANGULATION SENSOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LO Datasheet(HTML) 1 Page - IC-Haus GmbH

  IC-LO Datasheet HTML 1Page - IC-Haus GmbH IC-LO Datasheet HTML 2Page - IC-Haus GmbH IC-LO Datasheet HTML 3Page - IC-Haus GmbH IC-LO Datasheet HTML 4Page - IC-Haus GmbH IC-LO Datasheet HTML 5Page - IC-Haus GmbH IC-LO Datasheet HTML 6Page - IC-Haus GmbH IC-LO Datasheet HTML 7Page - IC-Haus GmbH IC-LO Datasheet HTML 8Page - IC-Haus GmbH IC-LO Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
prel
imin
ary
prel
imin
ary
iC-LO
TRIANGULATION SENSOR
Rev B3, Page 1/25
FEATURES
•
Specially formed line image sensor comprising 129 elements
•
High ambient light suppression of up to 100 kLux with filter glass
•
Dynamic range of 100 dB
•
2 antivalent switching outputs
•
Alarm message output
•
High switching frequencies
•
Low latency
•
Power-down reset output
•
Write protection for internal registers
APPLICATIONS
•
Diffuse reflective photoelectric
sensors
PACKAGES
optoBGA LO1C
BLOCK DIAGRAM
Power-Down
Reset
Bandgap
Reference
IF
IN
AC Transimpedance Amplifier
iC-LO
Near Channel
Adder
Configurable Photodiode Array
Low-Side-
Programmable Differential Amplifier
SPI Interface
LED Driver
Comparators
and FSM
Signal Processing
Programmable
Oscillator
Far Channel
ON
OF
VS
VD
KD
KSe
KSw
2 MHz
+
-
+
-
+
-
+
-
+
-
+
-
-
VREF
VREF
VREF
VREF
VTHSw
VTHSe
LED
SO
WARN
VCCL
GNDA
MISO
NCS
VCC
VREF
VTHD
VREF
VDD
GND
SCK
MOSI
GNDL
VDD
NSO
NRES
+
Copyright © 2012, 2016 iC-Haus
http://www.ichaus.com


Similar Part No. - IC-LO

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-LO ICHAUS-IC-LO Datasheet
695Kb / 21P
TRIANGULATION SENSOR
More results

Similar Description - IC-LO

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-LO ICHAUS-IC-LO Datasheet
695Kb / 21P
TRIANGULATION SENSOR
logo
Pepperl+Fuchs Inc.
OBT150-R101-2EP1-IO-V31 PF-OBT150-R101-2EP1-IO-V31 Datasheet
927Kb / 6P
Triangulation sensor (BGS)
OBT150-R101-2EP1-IO PF-OBT150-R101-2EP1-IO Datasheet
896Kb / 6P
Triangulation sensor (BGS)
OBT20-R102-2P1-IO-V31-F PF-OBT20-R102-2P1-IO-V31-F Datasheet
758Kb / 5P
Triangulation sensor (BGS)
OBT20-R102-P1-IO-V31-F PF-OBT20-R102-P1-IO-V31-F Datasheet
758Kb / 5P
Triangulation sensor (BGS)
OBT300-18GM40-E0-V1 PF-OBT300-18GM40-E0-V1 Datasheet
835Kb / 4P
Triangulation sensor (BGS)
2022-03-24
OBT300-18GM40-E2-V1 PF-OBT300-18GM40-E2-V1 Datasheet
835Kb / 4P
Triangulation sensor (BGS)
2022-03-24
OBT300-18GM60-E4-V1 PF-OBT300-18GM60-E4-V1 Datasheet
848Kb / 5P
Triangulation sensor (BGS)
2022-03-24
OBT300-18GM60-E5-V1 PF-OBT300-18GM60-E5-V1 Datasheet
848Kb / 5P
Triangulation sensor (BGS)
2022-03-24
OBT300-R201-2EP-IO-V31-1T PF-OBT300-R201-2EP-IO-V31-1T Datasheet
1Mb / 6P
Triangulation sensor (BGE)
2023-01-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com