Electronic Components Datasheet Search
  English  ▼

X  

IC-LO Datasheet(PDF) 6 Page - IC-Haus GmbH

Part # IC-LO
Description  TRIANGULATION SENSOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LO Datasheet(HTML) 6 Page - IC-Haus GmbH

Back Button IC-LO Datasheet HTML 2Page - IC-Haus GmbH IC-LO Datasheet HTML 3Page - IC-Haus GmbH IC-LO Datasheet HTML 4Page - IC-Haus GmbH IC-LO Datasheet HTML 5Page - IC-Haus GmbH IC-LO Datasheet HTML 6Page - IC-Haus GmbH IC-LO Datasheet HTML 7Page - IC-Haus GmbH IC-LO Datasheet HTML 8Page - IC-Haus GmbH IC-LO Datasheet HTML 9Page - IC-Haus GmbH IC-LO Datasheet HTML 10Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
prel
imin
ary
prel
imin
ary
iC-LO
TRIANGULATION SENSOR
Rev B3, Page 6/25
ELECTRICAL CHARACTERISTICS
Operating Conditions: VCC = VDD = 5 V±10 %, Tj = -40. . . 85 °C, fOSC = 2 MHz, unless otherwise stated.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Total Device
001 V(VCC)
Permissible supply voltage ana-
log
4.5
5
5.5
V
002 V(VDD)
Permissible supply voltage digital
4.5
5
5.5
V
003 I(VCC)
Supply Current in VCC
Iph() = 0
4
mA
004 I(VDD)
Supply Current in VDD
I(VCCL) = 0
0.8
mA
005 Vc()hi
Clamp Voltage hi at NCS, CLK,
VZAP
Vc()hi = V() − V(VDD), I() = 1 mA
0.3
1.6
V
006 Vc()hi
Clamp Voltage hi at VCCL
Vc()hi = V() − V(VDD), I() = 1 mA
0.3
1.6
V
007 Vc()hi
Clamp Voltage hi at LED, GND
Vc()hi = V() − V(VDD), I() = 1 mA
0.3
1.2
V
008 Vc()hi
Clamp Voltage hi at NRES
Vc()hi = V() − V(VDD), I() = 1 mA
0.6
2.6
V
009 Vc()hi
Clamp Voltage hi at WARN, SO,
NSO, MISO
Vc()hi = V() − V(VDD), I() = 1 mA
0.3
1.6
V
010 Vc()lo
Clamp Voltage lo at MOSI, SCK,
MISO, NCS, GND, VDD, NRES,
WARN, SO, NSO
I() = -1 mA
-1.2
-0.3
V
011 Vc()lo
Clamp Voltage lo at VCC, VCCL,
LED, GNDL
I() = -1.3 mA
-1.2
-0.3
V
Fotodiodes (D0..D128) with cascode
101 L()
Overall length of diode array
7
mm
102 A(D0)
Active area near-diode
3000 µm x (300...600) µm
0.927
mm2
103 A()
Active area mid-diodes D1 to
D127
29.35 µm x 600 µm
17610
µm2
104 A(D128)
Active area far-diode
272.55 µm x 600 µm
163530
µm2
105 S(λ)max
Efficiency
λ
= 680 nm
0.38
A/W
106 λar
Spectral Application Range
S(λar) = 0.25 x S(λ)max
400
950
nm
107 Imax(D0)
Maximum photocurrent near-
diode
8
mA
108 Imax()
Maximum photocurrent mid-
diodes D1 to D127
750
µA
109 Imax(D128) Maximum photocurrent far-diode
7.5
mA
AC Transimpedance Amplifier
201 Iph()dc
DC Photocurrent
260
µA
202 Iph()ac
AC Photocurrent
12
mA
203 Iph()lin
Linear Transimpedance range
-3 dB corner of Rac, Iph()lin = 0...Iph()ac;
TIM = 0x0
10
µA
TIM = 0x1
71
µA
TIM = 0x2
1050
µA
TIM = 0x3
15650
µA
204 Rac
Transimpedance
linear range, Iph()ac < Iph()lin;
TIM = 0x0
112.5 k
Ω
TIM = 0x1
17.5 k
Ω
TIM = 0x2
1350
Ω
TIM = 0x3
101
Ω
206 deltaRac
Transimpedance change in loga-
rithmic range
deltaRac per decade Iph()ac
-19
dB
208 fu
Lower Cut-off Frequency
linear range, Iph()ac < Iph()lin, -3 dB corner
25
kHz
209 fo
Upper Cut-off Frequency
linear range, Iph()ac < Iph()lin, -3dB corner
200
kHz
Adder
301 Avsum
Gain
1.8
2
2.2
302 fo
Upper Cut-off Frequency
-3 dB corner
230
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com