Electronic Components Datasheet Search
  English  ▼

X  

IC-LO Datasheet(PDF) 14 Page - IC-Haus GmbH

Part # IC-LO
Description  TRIANGULATION SENSOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LO Datasheet(HTML) 14 Page - IC-Haus GmbH

Back Button IC-LO Datasheet HTML 10Page - IC-Haus GmbH IC-LO Datasheet HTML 11Page - IC-Haus GmbH IC-LO Datasheet HTML 12Page - IC-Haus GmbH IC-LO Datasheet HTML 13Page - IC-Haus GmbH IC-LO Datasheet HTML 14Page - IC-Haus GmbH IC-LO Datasheet HTML 15Page - IC-Haus GmbH IC-LO Datasheet HTML 16Page - IC-Haus GmbH IC-LO Datasheet HTML 17Page - IC-Haus GmbH IC-LO Datasheet HTML 18Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
prel
imin
ary
prel
imin
ary
iC-LO
TRIANGULATION SENSOR
Rev B3, Page 14/25
channel, with the remaining diodes up to diode 128 (far
diode) assigned to the far channel.
SPF
Addr. 0x00; bit 6:0
RW
SPN
Addr. 0x02; bit 6:0
RW
Code
Description
0x0
0
0x1
1
. . .
0x7F
127
Table 12: Diode Assignment
If the parameters SPF and SPN are configured that
SPF < SPN then the numeric gap between both num-
bers representes the hysteresis of the sensor (indicated
blue for hysteresis in the evaluation software).
Configuring SPF > SPN is not recommended due
to a negative hysteresis.
Setting parameter gain ratio In the subtractor the gain
ratio between the near and far channel can be adjusted
using a digital potentiometer. This achieves a higher
measurement resolution than only partitioning the diode
array. Parameters POTF (parameter set OBF) and
POTN (parameter set OBN) configure the potentiome-
ter.
POTF
Addr. 0x01; bit 7:0
RW
POTN
Addr. 0x03; bit 7:0
RW
Code
Gain Ratio Near/Far Channel
0x00
0.327
0x01
0.330
. . .
0x7E
0.988
0x7F
0.996
0x80
1.004
0x81
1.012
. . .
0xFE
3.026
0xFF
3.059
Table 13: Digital Potentiometer
A gain ratio of > 1 shifts the switching point towards
shorter distances and vice versa.
Comparator hysteresis
To stabilize the comparator outputs the system hys-
teresis of the three comparators KD(comparator differ-
ence signal), KSw(comparator warning threshold), and
KSe(comparator error threshold) can be configured.
The system hysteresis is switched with the sampled
and filtered comparator output signals KDF, KSwF, and
KSeF. Parameter HYSD is used to set the hysteresis of
differential comparator KD and parameter HYSS that of
sum comparators KSw and KSe.
HYSD
Addr. 0x04; bit 3:0
RW
Code
Hysteresis KD
0x0
2.65 mV
0x1
5.30 mV
0x2
7.95 mV
0x3
10.6 mV
0x4
13.25 mV
0x5
15.90 mV
0x6
18.55 mV
0x7
21.20 mV
0x8
26.50 mV
..
0xF
63.60 mV
Table 14: Comparator Hysteresis
HYSS
Addr. 0x05; bit 7:6
RW
Code
Hysteresis KSw, KSe
0x0
2 mV
0x1
4 mV
0x2
6 mV
0x3
8 mV
Table 15: Comparator Hysteresis
If the parameters THSE or THSW are configured that
the voltage levels of THSE or THSW are smaller than
the voltage level of HYSS/2 then the compared voltage
can not fall below 0 V and then the related comparator
output can not turn to 0 any more (indicated yellow for
warning this parameter conflict of HYSS and THSE and
THSW in the evaluation software).
Configuring the voltage levels of THSE < HYSS/2
is not recommended.
Configuring the voltage levels of THSW < HYSS/2
is not recommended.
The hysteresis can be deactivated by DISHYS.
DISHYS
Addr. 0x04; bit 4
RW
Code
Description
0x0
Hysteresis set by HYS
0x1
Hysteresis deactivated
Table 16: Hysteresis Deactivation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com