Electronic Components Datasheet Search
  English  ▼

X  

IC-LO Datasheet(PDF) 7 Page - IC-Haus GmbH

Part # IC-LO
Description  TRIANGULATION SENSOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LO Datasheet(HTML) 7 Page - IC-Haus GmbH

Back Button IC-LO Datasheet HTML 3Page - IC-Haus GmbH IC-LO Datasheet HTML 4Page - IC-Haus GmbH IC-LO Datasheet HTML 5Page - IC-Haus GmbH IC-LO Datasheet HTML 6Page - IC-Haus GmbH IC-LO Datasheet HTML 7Page - IC-Haus GmbH IC-LO Datasheet HTML 8Page - IC-Haus GmbH IC-LO Datasheet HTML 9Page - IC-Haus GmbH IC-LO Datasheet HTML 10Page - IC-Haus GmbH IC-LO Datasheet HTML 11Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
prel
imin
ary
prel
imin
ary
iC-LO
TRIANGULATION SENSOR
Rev B3, Page 7/25
ELECTRICAL CHARACTERISTICS
Operating Conditions: VCC = VDD = 5 V±10 %, Tj = -40. . . 85 °C, fOSC = 2 MHz, unless otherwise stated.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Programmable Differential Amplifier (x = F, N)
401 Avn
Near-Channel Gain
POTx = 0x00
8.5
POTx = 0xFF
26
402 Avf
Far-Channel Gain
POTx = 0x00
26
POTx = 0xFF
8.5
403 fo
Upper Cut-off Frequency
-3 dB corner
150
kHz
Programmable Comparator
501 Voff
Offset
save by design
-2
2
mV
502 Vhys(KD)
Hysteresis KD
DISHYS = 0;
HYSD = 0x0
2.65
mV
HYSD = 0xF
63.6
mV
503 Vhys(KS)
Hysteresis KSw, KSe
DISHYS = 0;
HYSS = 0x0
2
mV
HYSS = 0x3
8
mV
504 VTHSw
Threshold Voltage for warning
THSw = 0x00
2.8
mV
THSw = 0x1F
89.6
mV
505 VTHSe
Threshold Voltage for error
THSe = 0x00
2.8
mV
THSe = 0x1F
89.6
mV
506 fu
Cut-off Frequency High-pass
Input
-3 dB corner
12
kHz
Oscillator
701 fOSC
Oscillator Frequency
OSC = 0x8
2
MHz
SPI Interface NCS, SCK, MOSI, MISO
I01
Vt()hi
Threshold Voltage hi at NCS,
SCK, MOSI
2
V
I02
Vt()lo
Threshold Voltage lo at NCS,
SCK, MOSI
0.8
V
I03
Vt()hys
Hysteresis at NCS, SCK, MOSI
50
450
mV
I04
Ipu(NCS)
Pull-Up Current in NCS
V(NCS) = 0...VDD − 1 V
-70
-30
-5
µA
I05
Ipd()
Pull-Down Current in SCK and
MOSI
V(SCK) = 1 V...VDD
3
30
80
µA
I06
Vs(MISO)hi Saturation Voltage hi at MISO
Vs(MISO)hi = VDD − V(MISO);
I(MISO) = -1.6 mA
350
mV
I07
Vs(MISO)lo Saturation Voltage lo at MISO
I(MISO) = 1.6 mA
300
mV
I08
Isc()hi
Short-Circuit Current hi in MISO
-35
-1.7
mA
I09
Isc()lo
Short-Circuit Current lo in MISO
1.7
35
mA
I10
f(SCK)
Clock Frequency at SCK
1
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com