Electronic Components Datasheet Search
  English  ▼

X  

IC-LO Datasheet(PDF) 19 Page - IC-Haus GmbH

Part # IC-LO
Description  TRIANGULATION SENSOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LO Datasheet(HTML) 19 Page - IC-Haus GmbH

Back Button IC-LO Datasheet HTML 15Page - IC-Haus GmbH IC-LO Datasheet HTML 16Page - IC-Haus GmbH IC-LO Datasheet HTML 17Page - IC-Haus GmbH IC-LO Datasheet HTML 18Page - IC-Haus GmbH IC-LO Datasheet HTML 19Page - IC-Haus GmbH IC-LO Datasheet HTML 20Page - IC-Haus GmbH IC-LO Datasheet HTML 21Page - IC-Haus GmbH IC-LO Datasheet HTML 22Page - IC-Haus GmbH IC-LO Datasheet HTML 23Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
prel
imin
ary
prel
imin
ary
iC-LO
TRIANGULATION SENSOR
Rev B3, Page 19/25
SPI INTERFACE
General description
SPI name
pin name
description
NCS
NCS
not chip select
SCLK
SCK
clock
MOSI
MOSI
master out slave in
MISO
MISO
master in slave out
Table 29: SPI Connector Pin List
During SPI communication (NCS low) an ongoing mea-
surement sequence in iC-LO is halted (LED off, switch-
ing output off).
OPCODE summary
SPI OPCODES
Opcode
Description
0xB0
not implemented
0xA6
not implemented
0xF5
not implemented
0x97
not implemented
0xD2
not implemented
0x8A
Read REGISTER (cont.)
0xCF
Write REGISTER (cont.)
0xAD
REGISTER status/data
0x9C
Read STATUS
0xD9
Write INSTRUCTION
Table 30: OPCODE Table
iC-Haus SPI data transmission
SPI modes 0 and 3 are supported, i.e. an idle polarity
of SCLK 0 or 1 and acceptance of data with a rising
edge of SCLK.
The idle level (NCS high) of the MISO line is tristate.
The slave passes MOSI to MISO on a falling edge at
NCS.
Data is sent bytewise with the MSB first. Each data
transmission begins with the master sending an opcode.
To be compatible to Microwire™, all opcodes start with
a 1.
The following describes the typical sequence of an SPI
data transmission, taking the command Read REGIS-
TER (cont.) as an example (see figure 8):
1. The master initializes a transmission with a falling
edge at NCS.
2. The slave passes the level on from MOSI to
MISO.
3. The master transmits the Read REGISTER
(cont.) opcode and address ADR via MOSI; the
slave immediately outputs OPCODE and ADR via
MISO.
4. The slave transmits the addressed data.
5. The master quits the command with a rising edge
at NCS.
6. The slave switches its MISO output to tristate.
SCLK
MOSI
MISO
NCS
OP7 OP6 OP5 OP4 OP3 OP2 OP1 OP0
OP7 OP6 OP5 OP4 OP3 OP2 OP1 OP0
ADR7 ADR6 ADR5 ADR4 ADR3 ADR2 ADR1 ADR0
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
ADR7 ADR6 ADR5 ADR4 ADR3 ADR2 ADR1 ADR0
Figure 8: SPI transmission, using opcode Read REGISTER (cont.) as an example
Description of the SPI-Opcodes
REGISTER status/data
The REGISTER status/data command can be used to
request the status of the last register communication
and/or the last data transmission. The STATUS byte
contains the information summarized in table 31.
STATUS
Bit
Name
Description of the status
report
7
ERROR
Opcode not
implemented.
6..4
-
Reserved
3
DISMISS
Address refused
2
FAIL
Data request has failed
1
BUSY
Slave is busy with a
request
0
VALID
DATA is valid
Note
Display logic: 1 = true, 0 = false
Table 31: Communication Status Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com