Electronic Components Datasheet Search
  English  ▼

X  

IC-LO Datasheet(PDF) 16 Page - IC-Haus GmbH

Part # IC-LO
Description  TRIANGULATION SENSOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LO Datasheet(HTML) 16 Page - IC-Haus GmbH

Back Button IC-LO Datasheet HTML 12Page - IC-Haus GmbH IC-LO Datasheet HTML 13Page - IC-Haus GmbH IC-LO Datasheet HTML 14Page - IC-Haus GmbH IC-LO Datasheet HTML 15Page - IC-Haus GmbH IC-LO Datasheet HTML 16Page - IC-Haus GmbH IC-LO Datasheet HTML 17Page - IC-Haus GmbH IC-LO Datasheet HTML 18Page - IC-Haus GmbH IC-LO Datasheet HTML 19Page - IC-Haus GmbH IC-LO Datasheet HTML 20Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
prel
imin
ary
prel
imin
ary
iC-LO
TRIANGULATION SENSOR
Rev B3, Page 16/25
SKO
Addr. 0x0A; bit 7:4
RW
Code
Description
0x0
1.5 µs
0x1
2 µs
. . .
0xF
9 µs
Table 20: Sample Timing
Switching matrix
Internal switching state SOI and warning state WARNI
are determined from the filtered comparator outputs
according to the following truth table (table 21):
KDF
KSwF
KSeF
SOI
WARNI
System state
0
1
1
0
0
Object detected far, enough light
0
0
1
0
0
Object detected far, low light
0
0
0
0
0
Object detection impossible, not enough light
0
1
0
0
0
Invalid configuration (see page 15)
1
1
1
1
0
Object detected near, enough light
1
0
1
1
1
Object detected near, low light
1
0
0
0
0
Object detection impossible, not enough light
1
1
0
0
0
Invalid configuration (see page 15)
Table 21: Switching Matrix
Output drivers
The polarity of the switching output can be selected due
to the connected switch using SOCNO. Output WARN
is equivalent to the internal WARNI signal.
SOCNO
Addr. 0x0C; bit 0
RW
Code
Description
0
Configures the output SO as normally open and
NSO as normally closed (SO = SOI)
1
Configures the output SO as normally closed and
NSO as normally open (SO = SOI)
Table 22: Output Configuration
If the switching outputs SO and NSO are not required,
they can be disabled by SOEN. A zero is then output
at both outputs.
SOEN
Addr. 0x0C; bit 4
RW
Code
Description
0
SO and NSO disabled
1
SO and NSO enabled
Table 23: Output Activation
Furthermore, in mode PERIODIC_MEASURE (table
27) a rise and fall delay can be configured for the warn-
ing and switching outputs (see figure 7 by way of exam-
ple).
t = t
AR
t = t
AF
t < t
AR
SOI
SO
t = t
AR
t = t
AF
Figure 7: Rise and fall delay
Rise delay tAR suppresses peaks that are shorter than
tAR (first SOI peak in figure 7). If SOI is active for longer
than tAR, switching output SO is activated. If SOI then
drops to 0, SO only switches back when fall delay time
tAF has elapsed (second SOI peak in figure 7). If SOI
remains at 1 after the fall delay time has elapsed, SO
trails the falling edge at SOI directly (third SOI peak
in figure 7). The fall delay time is thus equivalent to a
minimum pulse duration at the outputs. Warning output
WARN can only be switched on at the same time as
the switching output and is reset as soon as sufficient
received light is detected.
The delay times are configured using parameters TAR
and TAF.
TAR
Addr. 0x0A; bit 3:2
RW
Code
Description
0x0
0 ms
0x1
5 ms
0x2
20 ms
0x3
50 ms
Table 24: Rise Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com