Electronic Components Datasheet Search
  English  ▼

X  

IC-LO Datasheet(PDF) 12 Page - IC-Haus GmbH

Part # IC-LO
Description  TRIANGULATION SENSOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LO Datasheet(HTML) 12 Page - IC-Haus GmbH

Back Button IC-LO Datasheet HTML 8Page - IC-Haus GmbH IC-LO Datasheet HTML 9Page - IC-Haus GmbH IC-LO Datasheet HTML 10Page - IC-Haus GmbH IC-LO Datasheet HTML 11Page - IC-Haus GmbH IC-LO Datasheet HTML 12Page - IC-Haus GmbH IC-LO Datasheet HTML 13Page - IC-Haus GmbH IC-LO Datasheet HTML 14Page - IC-Haus GmbH IC-LO Datasheet HTML 15Page - IC-Haus GmbH IC-LO Datasheet HTML 16Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
prel
imin
ary
prel
imin
ary
iC-LO
TRIANGULATION SENSOR
Rev B3, Page 12/25
MEASURING SEQUENCE
In order to determine whether the distance between
an object and the sensor falls below a defined value,
iC-LO initiates a light pulse that is then diffuse reflected
and pictured onto the photodiode array. The spot of
light diffuse reflected by the object moves along the
diode array depending on the distance object to sensor.
After the light pulse has been transmitted, at a defined
point in time the signal from the photodiode array is
evaluated and decided whether the distance between
the object and sensor has fallen below a defined value
or not.
LED DRIVER
iC-LO can drive a transmitting LED directly or trigger an
external driver using the CMOS level output. A lowside
driver is integrated to drive the LED and can supply
diode currents of up to approx. 1 A with an external
back-up capacitor.
The type of output at pin LED (low-side driver or CMOS
output) is set by parameter LCO.
LCO
Addr. 0x07; bit 5
RW
Code
Description
0x0
CMOS output at pin LED
0x1
Low-side driver at pin LED
Table 6: Configuration LED Output Type
The parameter LCC configures the LED current.
LCC
Addr. 0x07; bit 4:0
RW
Code
Description
0x0
112 mA
0x1
126 mA
. . .
0x7
210 mA
0x8
193 mA
0x9
221 mA
. . .
0xF
389 mA
0x10
368 mA
0x11
423 mA
. . .
0x17
753 mA
0x18
696 mA
0x19
796 mA
. . .
0x1F
1396 mA
Table 7: Current in LED (low-side driver)
LED error monitoring
In order to monitor the system function it is possible
to read out status bit LEDOK (address 0x08, bit 0 R)
which correspond to high impedance of the transmitting
LED.
LEDOK
Addr. 0x08; bit 0
R
Code
Description
0x0
No LED current monitoring,
on CMOS output operation
0x0
LED current not ok, on low-side driver operation
0x1
LED current ok, on low-side driver operation
Table 8: LED Current Ok
This monitoring is only valid in low-side driver opera-
tion pin LED. When using the integrated LED driver the
current flowing out of the iC-LO is monitored. So an
eventual damage of the LED can be detected while in
use. For details see table 28 (status register).
LED frequency and pulse width
The frequency of the light pulses in multiple measure-
ment mode (see table 18) and the duration of a light
pulse is set by parameters PER and PW.
PER
Addr. 0x08; bit 5:4
RW
Code
Description
0x0
reserved
0x1
13.9 kHz
0x2
10.4 kHz
0x3
5 kHz
Table 9: Pulse Frequency
PW
Addr. 0x08; bit 3:0
RW
Code
Description
0x0
2 µs
0x1
2.5 µs
. . .
0xF
9.5 µs
Table 10: Pulse Width



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com