Electronic Components Datasheet Search
  English  ▼

X  

GC1012B Datasheet(PDF) 5 Page - Texas Instruments

Part # GC1012B
Description  3.3V DIGITAL TUNER CHIP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC1012B Datasheet(HTML) 5 Page - Texas Instruments

  GC1012B Datasheet HTML 1Page - Texas Instruments GC1012B Datasheet HTML 2Page - Texas Instruments GC1012B Datasheet HTML 3Page - Texas Instruments GC1012B Datasheet HTML 4Page - Texas Instruments GC1012B Datasheet HTML 5Page - Texas Instruments GC1012B Datasheet HTML 6Page - Texas Instruments GC1012B Datasheet HTML 7Page - Texas Instruments GC1012B Datasheet HTML 8Page - Texas Instruments GC1012B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Texas Instruments Incorporated
- 1 -
GC1012B 3.3V DIGITAL TUNER
SLWS138B
This document contains information which may be changed at any time without notice
GC1012B DATASHEET
1.0
FUNCTIONAL DESCRIPTION
Fabricated in high speed CMOS technology, the GC1012B chip is an all digital tuner which can
downconvert and band limit signals from wide band digitized sources. At full rate operation (100 MHz input
rate), the input bandwidth can be up to 50 MHz wide. Any signal within the input bandwidth can be
down-converted to zero frequency, low pass filtered, and output at a reduced sample rate. The chip’s output
can be formatted as either a complex data stream, or as a real data stream. The complex samples are
output at rates equal to FO=FCK/D, where FO is the output rate, D is 1, 2, 4, 8, 16, 32 or 64 and FCK is the
input sample (clock) rate. The real output rates are FO=2FCK/D for D equal to 2, 4, 8, 16, 32, or 64.
The signal is low pass filtered to remove out of band energy before the sample rate is decreased.
The filter’s out of band rejection is over 75 dB and its passband ripple is less than 0.2 dB peak to peak. The
passband of the output filter covers 80% of the output bandwidth.
The 28 bit accumulator in the chip’s digital oscillator circuit provides a tuning accuracy equal to the
input clock rate divided by 228. The tuning resolution at a clock rate of 50 MHz is less than 0.2 Hz giving a
tuning accuracy of +/- 0.1 Hz. The phase noise in the oscillator is low enough to provide a spur free dynamic
range of over 75 dB.
The chip’s output circuit allows the user to select a real or complex data output format, to select
spectral inversion, or to offset the output spectrum by half of the output sample rate. The output’s signal gain
can be adjusted in 0.03 dB steps. The word size of the output samples are either 10, 12, 14, or 16 bits.
On chip diagnostic circuits are provided to simplify system debug and maintenance.
The chip receives configuration and control information over a microprocessor compatible bus
consisting of an 8 bit data I/O port, a 4 bit address port, read and write strobes, and a control select strobe.
I and Q output registers can be read from the control port to allow an external processor to monitor
or process the chip’s output samples. These registers are valuable for monitoring the chip’s output power
in order to set and adjust gain levels.
1.1
KEY FEATURES
•
100 million samples per second input rate
•
0.1 Hz tuning resolution
•
>75 dB dynamic range
•
Programmable output bandwidth
•
12 bit inputs, 10, 12, 14, or 16 bit outputs
•
Real or complex output formats
•
Built in strobe/sync generator
•
Symmetric rounding used throughout
•
Gain adjust in 0.03 dB steps
•
Microprocessor
interface
for
control,
output, and diagnostics
•
Power down mode
•
Auto power down with clock loss detection
•
Built in diagnostics
•
850 mW at 60 MHz, 3.3 volts
•
120 pin quad flat pack package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com