Electronic Components Datasheet Search
  English  ▼

X  

GC1012B Datasheet(PDF) 27 Page - Texas Instruments

Part # GC1012B
Description  3.3V DIGITAL TUNER CHIP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC1012B Datasheet(HTML) 27 Page - Texas Instruments

Back Button GC1012B Datasheet HTML 20Page - Texas Instruments GC1012B Datasheet HTML 21Page - Texas Instruments GC1012B Datasheet HTML 22Page - Texas Instruments GC1012B Datasheet HTML 23Page - Texas Instruments GC1012B Datasheet HTML 24Page - Texas Instruments GC1012B Datasheet HTML 25Page - Texas Instruments GC1012B Datasheet HTML 26Page - Texas Instruments GC1012B Datasheet HTML 27Page - Texas Instruments GC1012B Datasheet HTML 28Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
Texas Instruments Incorporated
- 23 -
GC1012B 3.3V DIGITAL TUNER
SLWS138B
This document contains information which may be changed at any time without notice
5.7
EXAMPLE RECEIVER ARCHITECTURE
An example digital receiver architecture using the GC1012B chip is shown in Figure 7.
Figure 7. Example Digital Receiver Architecture
The receiver contains an analog front end which downconverts up to 30MHz of radio spectrum to
an IF frequency around 15MHz1. It also adjusts the gain of the signal so that it fills the dynamic range of the
analog to digital converter (ADC). The ADC digitizes the signal using up to 12 bits of resolution at a sampling
rate up to 60 MHZ. The GC1012B chip tunes, downconverts, and narrowband filters desired frequencies
from within the 30 MHz band. The GC1012B output can either be converted back to analog or kept in its
digital state for subsequent signal processing.
1. Note that the HF spectrum (1 to 30MHz) can be digitized directly.
ANALOG
FRONT
END
ANALOG
TO
DIGITAL
GC1012B
CHIP
CONVERTER
•
GAIN
•
BANDLIMIT
TO
30MHz OR LESS
•
DOWNCONVERT
•
OUTPUT IS
CENTERED AROUND
15MHz
•
DIGITIZES TO 8, 10
OR 12 BITS
•
60 MHz SAMPLING
RATE
•
TUNES TO
DESIRED
FREQUENCY
•
NARROWBAND
FILTERS SIGNAL
•
REDUCES
SAMPLE RATE
•
CONVERTS BACK TO
ANALOG
SIGNAL
OUT
FROM
ANTENNAE
USER
INTERFACE
DIGITAL
TO
ANALOG
CONVERTER
(OPTIONAL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com