Electronic Components Datasheet Search
  English  ▼

X  

GC1012B Datasheet(PDF) 17 Page - Texas Instruments

Part # GC1012B
Description  3.3V DIGITAL TUNER CHIP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC1012B Datasheet(HTML) 17 Page - Texas Instruments

Back Button GC1012B Datasheet HTML 13Page - Texas Instruments GC1012B Datasheet HTML 14Page - Texas Instruments GC1012B Datasheet HTML 15Page - Texas Instruments GC1012B Datasheet HTML 16Page - Texas Instruments GC1012B Datasheet HTML 17Page - Texas Instruments GC1012B Datasheet HTML 18Page - Texas Instruments GC1012B Datasheet HTML 19Page - Texas Instruments GC1012B Datasheet HTML 20Page - Texas Instruments GC1012B Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Texas Instruments Incorporated
- 13 -
GC1012B 3.3V DIGITAL TUNER
SLWS138B
This document contains information which may be changed at any time without notice
3.3
FILTER MODE REGISTER
This register controls filtering, output formatting and the diagnostic input mode.
ADDRESS 5:
Filter Mode Register
BIT
TYPE
NAME
DESCRIPTION
0-2
R/W
DEC[0:2]
The decimation mode. The output sample rate is set using DEC according to the
following table:
FO
FO
DECCOMPLEX
REAL
(REAL = 0)
(REAL = 1)
0 or 1FCK
?
2FCK/2 FCK
3FCK/4 FCK/2
4FCK/8 FCK/4
5FCK/16 FCK/8
6FCK/32 FCK/16
7FCK/64 FCK/32
Where FCK is the input rate and FO is the output rate.
3
R/W
-
Unused.
4
R/W
REAL
Output real samples instead of complex samples. The output spectrum is centered from
0 to FO/2 where FO is the output rate (see DEC above for the REAL mode). NOTE: The
FLIP bit described below is active low in the real mode.
5
R/W
OFFSET
Offset the complex output spectrum. Used in the complex output mode (REAL=0) to
force the output spectrum to be centered at FO/2, where FO is the output sample rate
(see DEC above for the COMPLEX mode). This mode is useful for single-sideband AM
signals because it moves the lower band edge up to zero frequency where it belongs.
The upper half of the spectrum will appear as negative frequencies.
6
R/W
FLIP
Flip the output spectrum. This bit inverts the output spectrum. In the complex mode the
spectrum is flipped about zero. In the real mode the spectrum is flipped about FO/4,
where FO is the real mode’s output sample rate. In the complex mode FLIP=1 flips the
spectrum. In the real mode FLIP=0 flips the spectrum.
7
R/W
DIAG
Use the diagnostic ramp for the input to the chip instead of the X input. The ramp counts
from -2048 to +2047 and then starts over again.
The effect on the output spectrum of the REAL, OFFSET and FLIP bits is illustrated in the following
diagram. (FO is the output sample rate)
Figure 4. Output Spectral Formats
0
-FO
+FO
NORMAL (FLIP=0 OFFSET=0 REAL=0)
0
-FO
+FO
FLIPPED (FLIP=1)
0
-FO
+FO
OFFSET AND FLIPPED (FLIP=1 OFFSET=1)
0
-FO/2
+FO/2
REAL AND FLIPPED (FLIP=0 REAL=1)
0
-FO
+FO
OFFSET (OFFSET=1)
0
-FO/2
+FO/2
REAL MODE (REAL=1 FLIP=1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com