Electronic Components Datasheet Search
  English  ▼

X  

GC1012B Datasheet(PDF) 22 Page - Texas Instruments

Part # GC1012B
Description  3.3V DIGITAL TUNER CHIP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC1012B Datasheet(HTML) 22 Page - Texas Instruments

Back Button GC1012B Datasheet HTML 18Page - Texas Instruments GC1012B Datasheet HTML 19Page - Texas Instruments GC1012B Datasheet HTML 20Page - Texas Instruments GC1012B Datasheet HTML 21Page - Texas Instruments GC1012B Datasheet HTML 22Page - Texas Instruments GC1012B Datasheet HTML 23Page - Texas Instruments GC1012B Datasheet HTML 24Page - Texas Instruments GC1012B Datasheet HTML 25Page - Texas Instruments GC1012B Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Texas Instruments Incorporated
- 18 -
GC1012B 3.3V DIGITAL TUNER
SLWS138B
This document contains information which may be changed at any time without notice
4.0
SPECIFICATIONS
4.1
ABSOLUTE MAXIMUM RATINGS
4.2
RECOMMENDED OPERATING CONDITIONS
4.3
THERMAL CHARACTERISTICS
Table 1: Absolute Maximum Ratings
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
DC Supply Voltage
VCC
-0.3
4.0
V
Input voltage (undershoot and overshoot)
VIN
-0.7
VCC+0.7
V
Storage Temperature
TSTG
-65
150
°C
Lead Soldering Temperature (10 seconds)
300
°C
Clock Rate
FCK
1KHz
1
Notes:
1. Below 1 KHz the clock loss detect circuit will power down the chip. If the clock loss detect circuit is
disabled (bit 5, address 7) and the clock is stopped, the chip may draw up to one Amp of power supply
current for approximately 10 seconds. After 10 seconds the current will go down to below 50 mAmps.
Table 2: Recommended Operating Conditions
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
DC Supply Voltage
VCC
3.0
3.6
V
Temperature Ambient, no air flow
TA
-40
+85
°C
1
Junction Temperature
TJ
125
°C
1
Notes:
1. Thermal management is required to keep TJ below MAX for full rate operation. See Table 3 below.
Table 3: Thermal Data
THERMAL
CONDUCTIVITY
SYMBOL
GC1012B-PQ
UNITS
2 Watts
4 Watts
6 Watts
Theta Junction to Ambient
θja
18
11
10
°C/W
Theta Junction to Case
θjc
444
°C/W
Note: Air flow will reduce
θja and is highly recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com