Electronic Components Datasheet Search
  English  ▼

X  

GC1012B Datasheet(PDF) 19 Page - Texas Instruments

Part # GC1012B
Description  3.3V DIGITAL TUNER CHIP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC1012B Datasheet(HTML) 19 Page - Texas Instruments

Back Button GC1012B Datasheet HTML 15Page - Texas Instruments GC1012B Datasheet HTML 16Page - Texas Instruments GC1012B Datasheet HTML 17Page - Texas Instruments GC1012B Datasheet HTML 18Page - Texas Instruments GC1012B Datasheet HTML 19Page - Texas Instruments GC1012B Datasheet HTML 20Page - Texas Instruments GC1012B Datasheet HTML 21Page - Texas Instruments GC1012B Datasheet HTML 22Page - Texas Instruments GC1012B Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Texas Instruments Incorporated
- 15 -
GC1012B 3.3V DIGITAL TUNER
SLWS138B
This document contains information which may be changed at any time without notice
3.5
OUTPUT MODE REGISTER
The output mode register controls the output formatting.
ADDRESS 8:
Output mode register
BIT
TYPE
NAME
DESCRIPTION
0
R/W
IQ_MUX
The IQ_MUX control is used in the complex mode to multiplex the I and Q output
words onto the I[0:15] output pins. Normally the I and Q halves are output on
separate ports. When this bit is high, the halves are multiplexed together so that
the I half is output first, followed by the Q half. The word strobe (WS) rate is doubled
in this mode. The IFLAG output signal is used in this mode to identify the I half of
each complex pair. The Q[0:15] output pins are forced low in this mode.
1
R/W
WS_POL
Changes the polarity of WS.
2
R/W
WS_MODE
Changes the mode of WS. Normally WS pulses high during the clock cycle before
an I or Q output transition. This bit changes WS so that it is a 50% duty cycle clock
with its rising edge in the middle of each output period
3
R/W
-
Unused
4
R/W
R10
Round the output samples to the 10 bits MSBs of the output word.
5
R/W
R12
Round the output samples to the 12 bits MSBs of the output word.
6
R/W
R14
Round the output samples to the 14 bits MSBs of the output word.
7
R/W
R16
Round the output samples to the 16 bits MSBs of the output word.
One and only one of the rounding options should be selected. Unused LSBs are cleared.
The IQ_MUX and WS_MODE controls are illustrated in the timing diagrams shown in Figure 5. Note
that the polarity shown for WS can be changed using the WS_POL control.
Figure 5. Timing For Output Modes
DECIMATE BY 2 MODE: (DEC=2)
CK
IFLAG
DECIMATE BY 4 MODE: (DEC=3)
CK
I or Q
WS
(WS_MODE= 0)
WS
(WS_MODE= 1)
I or Q
WS
(WS_MODE= 0 or 1)
DECIMATE BY 2 MODE WITH IQ_MUX, OR REAL MODES: (DEC=2, REAL=1 OR IQ_MUX=1)
CK
I
(Q is low, WS is high)
DECIMATE BY 4 MODE WITH IQ_MUX OR REAL MODES: (DEC=2, REAL=1 OR IQ_MUX=1)
CK
I or Q
WS
(WS_MODE= 0 or 1)
IFLAG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com