Electronic Components Datasheet Search
  English  ▼

X  

GC1012B Datasheet(PDF) 26 Page - Texas Instruments

Part # GC1012B
Description  3.3V DIGITAL TUNER CHIP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC1012B Datasheet(HTML) 26 Page - Texas Instruments

Back Button GC1012B Datasheet HTML 20Page - Texas Instruments GC1012B Datasheet HTML 21Page - Texas Instruments GC1012B Datasheet HTML 22Page - Texas Instruments GC1012B Datasheet HTML 23Page - Texas Instruments GC1012B Datasheet HTML 24Page - Texas Instruments GC1012B Datasheet HTML 25Page - Texas Instruments GC1012B Datasheet HTML 26Page - Texas Instruments GC1012B Datasheet HTML 27Page - Texas Instruments GC1012B Datasheet HTML 28Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
Texas Instruments Incorporated
- 22 -
GC1012B 3.3V DIGITAL TUNER
SLWS138B
This document contains information which may be changed at any time without notice
5.5
SYNCHRONIZING MULTIPLE GC1012B CHIPS
A system containing a bank of GC1012B chips will need to be synchronized so that the output
frames from each chip are aligned, and, if desired, so that their frequency accumulators are running
synchronously. The GC1000 Input Switch chip has built in sync counters which are designed specifically for
this purpose. If the GC1000 chip is not used, then the one-shot strobe (see Section 3.7) can be used. The
bank of chips should be interconnected so that the OS pin of one GC1012B chip is tied to the SS input of
all of the chips. The one-shot strobe mode can then be used to simultaneously synchronize all of the chips.
The OS pin of a second GC1012B chip should be tied to the AS input of all of the chips. The one-shot mode
of the second chip can be used to synchronize the frequency accumulators whenever the tuning frequency
has been changed.
5.6
PROCESSING COMPLEX DATA
Two GC1012B chips can be used to process complex input data by using one chip to process the
I-input data and the other to process the Q-input data. If the two chips are synchronized as discussed above,
then the complex output stream can be reconstructed by adding and subtracting the I and Q outputs of the
two chips. A programmable gate array chip such as from XILINX would be ideal for this post-processing.
The configuration for processing complex data is illustrated in Figure 6.
Figure 6. Processing Complex Input Data
X
SS
AS
OS
I
Q
GC1012B
X
SS
AS
OS
I
Q
GC1012B
IOUT
QOUT
IIN
QIN
PROGRAMMABLE
GATE
ARRAY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com