Electronic Components Datasheet Search
  English  ▼

X  

GC1012B Datasheet(PDF) 15 Page - Texas Instruments

Part # GC1012B
Description  3.3V DIGITAL TUNER CHIP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC1012B Datasheet(HTML) 15 Page - Texas Instruments

Back Button GC1012B Datasheet HTML 11Page - Texas Instruments GC1012B Datasheet HTML 12Page - Texas Instruments GC1012B Datasheet HTML 13Page - Texas Instruments GC1012B Datasheet HTML 14Page - Texas Instruments GC1012B Datasheet HTML 15Page - Texas Instruments GC1012B Datasheet HTML 16Page - Texas Instruments GC1012B Datasheet HTML 17Page - Texas Instruments GC1012B Datasheet HTML 18Page - Texas Instruments GC1012B Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Texas Instruments Incorporated
- 11 -
GC1012B 3.3V DIGITAL TUNER
SLWS138B
This document contains information which may be changed at any time without notice
3.1
FREQUENCY WORD REGISTERS
Registers 0, 1, 2, and 3 contain the 28 bit frequency tuning word. Bit 0 is the LSB, bit 27 is the MSB.
ADDRESS 0:
FREQUENCY BYTE 0
BIT
TYPE
NAME
DESCRIPTION
0-7
R/W
FREQ[0:7]
Byte 0 (least significant) of frequency word
ADDRESS 1:
FREQUENCY BYTE 1
BIT
TYPE
NAME
DESCRIPTION
0-7
R/W
FREQ[8:15]
Byte 1 of frequency word
ADDRESS 2:
FREQUENCY BYTE 2
BIT
TYPE
NAME
DESCRIPTION
0-7
R/W
FREQ[16:23]
Byte 2 of frequency word
ADDRESS 3:
FREQUENCY BYTE 3
BIT
TYPE
NAME
DESCRIPTION
0-3
R/W
FREQ[24:27]
4 most significant bits of the frequency word
4-7
R/W
-
unused
If the desired tuning frequency is F, then the frequency word should be set to:
FREQ = 228F/(clock rate)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com