Electronic Components Datasheet Search
  English  ▼

X  

GC1012B Datasheet(PDF) 23 Page - Texas Instruments

Part # GC1012B
Description  3.3V DIGITAL TUNER CHIP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC1012B Datasheet(HTML) 23 Page - Texas Instruments

Back Button GC1012B Datasheet HTML 19Page - Texas Instruments GC1012B Datasheet HTML 20Page - Texas Instruments GC1012B Datasheet HTML 21Page - Texas Instruments GC1012B Datasheet HTML 22Page - Texas Instruments GC1012B Datasheet HTML 23Page - Texas Instruments GC1012B Datasheet HTML 24Page - Texas Instruments GC1012B Datasheet HTML 25Page - Texas Instruments GC1012B Datasheet HTML 26Page - Texas Instruments GC1012B Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Texas Instruments Incorporated
- 19 -
GC1012B 3.3V DIGITAL TUNER
SLWS138B
This document contains information which may be changed at any time without notice
4.4
DC CHARACTERISTICS
All parameters are industrial temperature range of 0 to 85 oC ambient unless noted.:
Table 4: DC Operating Conditions
PARAMETER
SYMBOL
Vcc = 3.3V
UNITS
NOTES
MIN
MAX
Voltage input low
VIL
0.8
V
1
Voltage input high
VIH
2.0
V
2
Input current (VIN = 0V)
IIN
Typical +/- 50
uA
2
Voltage output low (IOL = 2mA)
VOL
0.5
V
2
Voltage output high (IOH = -2mA)
VOH
2.4
3.3
V
2
Data input capacitance (All inputs except CK
and C[0:15])
CIN
Typical 4
pF
1
Clock input capacitance (CK input)
CCK
Typical 10
pF
1
Control data capacitance (C[0:15] I/O pins)
CCON
Typical 6
pF
1
Notes:
1. Controlled by design and process and not directly tested. Verified on initial parts evaluation.
2. Each part is tested at 85
°C for the given specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com