Electronic Components Datasheet Search
  English  ▼

X  

GC1012B Datasheet(PDF) 14 Page - Texas Instruments

Part # GC1012B
Description  3.3V DIGITAL TUNER CHIP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC1012B Datasheet(HTML) 14 Page - Texas Instruments

Back Button GC1012B Datasheet HTML 10Page - Texas Instruments GC1012B Datasheet HTML 11Page - Texas Instruments GC1012B Datasheet HTML 12Page - Texas Instruments GC1012B Datasheet HTML 13Page - Texas Instruments GC1012B Datasheet HTML 14Page - Texas Instruments GC1012B Datasheet HTML 15Page - Texas Instruments GC1012B Datasheet HTML 16Page - Texas Instruments GC1012B Datasheet HTML 17Page - Texas Instruments GC1012B Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Texas Instruments Incorporated
- 10 -
GC1012B 3.3V DIGITAL TUNER
SLWS138B
This document contains information which may be changed at any time without notice
3.0
CONTROL REGISTERS
The chip is configured and controlled through the use of 16 eight bit control registers. These
registers are accessed for reading or writing using the control bus pins (CS, WE, RE, A[0:3], and C[0:7])
described in the previous section. The register names and their addresses are:
ADDRESS
NAME
ADDRESS
NAME
0
FREQ byte 0
8
Output Mode
1
FREQ byte 1
9
Status
2
FREQ byte 2
10
One Shot
3
FREQ byte 3
11
Checksum
4
Sync mode
12
I-output byte 0
5
Filter mode
13
I-output byte 1
6
Gain Fraction
14
Q-output byte 0
7
Gain Exponent
15
Q-output byte 1
The following sections describe each of these registers. The type of each register bit is either R or
R/W indicating whether the bit is read only or read/write. All bits are active high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com