Electronic Components Datasheet Search
  English  ▼

X  

GC1012B Datasheet(PDF) 12 Page - Texas Instruments

Part # GC1012B
Description  3.3V DIGITAL TUNER CHIP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC1012B Datasheet(HTML) 12 Page - Texas Instruments

Back Button GC1012B Datasheet HTML 8Page - Texas Instruments GC1012B Datasheet HTML 9Page - Texas Instruments GC1012B Datasheet HTML 10Page - Texas Instruments GC1012B Datasheet HTML 11Page - Texas Instruments GC1012B Datasheet HTML 12Page - Texas Instruments GC1012B Datasheet HTML 13Page - Texas Instruments GC1012B Datasheet HTML 14Page - Texas Instruments GC1012B Datasheet HTML 15Page - Texas Instruments GC1012B Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Texas Instruments Incorporated
- 8 -
GC1012B 3.3V DIGITAL TUNER
SLWS138B
This document contains information which may be changed at any time without notice
2.0
PIN DESCRIPTIONS
X11
88
X10
87
X9
86
X8
85
X7
84
X6
83
X5
82
X4
81
X3
80
X2
79
X1
78
X0
77
SS
99
AS
100
CK
101
115
WS
116
93
IFLAG
SO
C7
7
C6
8
C5
9
C4
10
C3
11
C2
12
C1
13
C0
14
CE (CS)
102
A3
3
A2
4
A1
5
A0
6
GC1012B
VCC PINS: 2,16,17,29,32,33,43,44,47,48,58,59,62,74,75,89,91,97,
GND PINS: 1,18,19,30,31,34,42,45,46,49,57,60,61,72,73,90,92,98,
NOTE: 0.01 to 0.1
µf DECOUPLING CAPACITORS SHOULD BE PLACED
AS CLOSE AS POSSIBLE TO THE MIDDLE OF EACH SIDE OF THE CHIP
GS
96
117
OS
95
INT
94
OFLOW
I15
71
I14
70
I13
69
I12
68
I11
67
I10
66
I9
65
I8
64
I7
63
I6
56
I5
55
I4
54
I3
53
I2
52
I1
51
I0
50
OEI
76
OEQ
15
104,105,106,109,110,114,119
107,108,111,112,113,120
Q15
20
Q14
21
Q13
22
Q12
23
Q11
24
Q10
25
Q9
26
Q8
27
Q7
28
Q6
35
Q5
36
Q4
37
Q3
38
Q2
39
Q1
40
Q0
41
(MSB)
(MSB)
(MSB)
(MSB)
(MSB)
GRAYCHIP
GC1012B-PQ
120 PIN QUAD FLAT PACK PACKAGE
D
1
30
31
60
61
90
91
120
A1
A
L
P (0.8mm)
B
DIGITAL TUNER
MMMMMLLL YYWW
Package Markings:
LLL = Lot Number
YYWW = Date Code
MMMMM = Mask Code
DIMENSION
PLASTIC
D
CERAMIC
(width pin to pin)
31.2 mm (1.228")
D1 (width body)
28.0 mm (1.102")
P
(pin pitch)
0.8 mm (0.031")
B
(pin width)
0.35 mm (0.014")
L
(leg length)
0.88 mm (0.035")
A
(height)
4.07 mm (0.160")
A1 (pin thickness)
0.17 mm (0.007")
32.0 mm (1.260")
28.0 mm (1.102")
0.8 mm (0.031")
0.35 mm (0.014")
0.70 mm (0.028")
3.25 mm (0.128")
0.2 mm (0.008")
GC1012B-PQ = Enhanced Thermal Plastic Package
RE (GND)
103
WE (R/W)
118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com