Electronic Components Datasheet Search
  English  ▼

X  

GC1012B Datasheet(PDF) 18 Page - Texas Instruments

Part # GC1012B
Description  3.3V DIGITAL TUNER CHIP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC1012B Datasheet(HTML) 18 Page - Texas Instruments

Back Button GC1012B Datasheet HTML 14Page - Texas Instruments GC1012B Datasheet HTML 15Page - Texas Instruments GC1012B Datasheet HTML 16Page - Texas Instruments GC1012B Datasheet HTML 17Page - Texas Instruments GC1012B Datasheet HTML 18Page - Texas Instruments GC1012B Datasheet HTML 19Page - Texas Instruments GC1012B Datasheet HTML 20Page - Texas Instruments GC1012B Datasheet HTML 21Page - Texas Instruments GC1012B Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Texas Instruments Incorporated
- 14 -
GC1012B 3.3V DIGITAL TUNER
SLWS138B
This document contains information which may be changed at any time without notice
3.4
GAIN CONTROL REGISTERS
These registers set the output gain.
ADDRESS 6:
Gain Control Register
BIT
TYPE
NAME
DESCRIPTION
0-7
R/WF[0:7] The 8 bit gain fraction.
ADDRESS 7:
Gain Exponent Register
BIT
TYPE
NAME
DESCRIPTION
0-3
R/W
S[0:3]
The 4 bit gain exponent.
4
R/W
GS_MODE
Turns on the synchronous gain mode. See below.
5
R/W
CKDET_DISABLE
Provided for testability. Turns off the clock loss detect function in the powerdown
circuit. This bit powers up low and should be kept low.
6
R
-
unused
7
R
-
unused.
The chip’s input to output gain is set using F and S according to the formula:
GAIN = 2(S-B)(1+F/256)
where B is the base gain setting which is a function of the decimation mode of the chip. The unity gain
setting (S=B and F=0) means that a 12 bit DC input will show up in the upper 12 bits of the 16 bit output.
The values of B are:
DEC
B
0 or 1
6
25
34
43
52
61
70
The GS_MODE control bit determines when new gain settings are applied to the output. New gain
settings are double buffered so that they can be synchronized with the output words. If GS_MODE is low,
then the gain settings are applied to the output samples immediately after S has been loaded. If GS_MODE
is high, then the new gain settings are not used until GS goes low.
NOTE: The gain settings must be loaded in the correct order- F first and then S. The circuit detects
new gain settings by sensing when S is loaded. this means that S must be loaded even if one only wishes
to change F.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com