Electronic Components Datasheet Search
  English  ▼

X  

GC1012B Datasheet(PDF) 10 Page - Texas Instruments

Part # GC1012B
Description  3.3V DIGITAL TUNER CHIP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC1012B Datasheet(HTML) 10 Page - Texas Instruments

Back Button GC1012B Datasheet HTML 6Page - Texas Instruments GC1012B Datasheet HTML 7Page - Texas Instruments GC1012B Datasheet HTML 8Page - Texas Instruments GC1012B Datasheet HTML 9Page - Texas Instruments GC1012B Datasheet HTML 10Page - Texas Instruments GC1012B Datasheet HTML 11Page - Texas Instruments GC1012B Datasheet HTML 12Page - Texas Instruments GC1012B Datasheet HTML 13Page - Texas Instruments GC1012B Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Texas Instruments Incorporated
- 6 -
GC1012B 3.3V DIGITAL TUNER
SLWS138B
This document contains information which may be changed at any time without notice
1.8
OUTPUT FORMATTING
The output format circuit allows the user to flip the output spectrum, to offset the spectrum by
one-fourth the Nyquist rate, to convert the complex output stream to a real one at twice the rate, to round
the samples to 10, 12, 14 or16 bits, and to multiplexes the I and Q samples together. These options are set
using control register 8.
A word strobe (WS) is generated as an output clock signal. The WS strobe is either one clock cycle
wide or is a 50% duty cycle clock. The polarity of WS is programmable.
The I and Q samples can be multiplexed together onto the I output pins by using the IQMUX mode.
The IFLAG output pin is used in this mode to identify when the I words are being output. The WS strobe
rate is doubled in this mode. The Q output pins are cleared in this mode.
Only the I output pins are used in the real mode. The Q pins are cleared. The output spectrum is
centered from 0 to FO/2 in the real mode. The spectrum is centered from -FO/2 to +FO/2 in the complex
mode. The OFFSET control allows the spectrum to be centered from 0 to FO.
The output format circuitry is synchronized by the SS input sync. This allows one to synchronize the
output timing of multiple GC1012B chips.
1.9
POWER DOWN AND KEEPALIVE MODES
Unused chips in a system can be powered down by setting the POWER_DOWN control bit in
register 9 (See Section 3.6). This reduces the internal clock rate down to 1 KHz to minimize the power
consumed by the chip while still refreshing the internal dynamic nodes at a suitable rate.
The chip includes a “keepalive” circuit which detects when the clock has stopped for more than 2
milliseconds. The chip will automatically go into the power down mode if clock loss is detected. The
keepalive detection circuit can be disabled by setting bit 5 in register 7 (See Section 3.4). NOTE: The chip
will draw up to an Amp of current if the clock is stopped and the keepalive circuit is disabled.
1.10
THE ONE SHOT PULSE GENERATOR
The chip can generate a one-shot pulse which is output on the OS pin by writing to address 10. The
pulse can be connected to the SS, AS, or GS sync input pins of GC1012B chips (including itself) to
synchronize the output timing, frequency oscillators, or gain settings of multiple chips.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com