Electronic Components Datasheet Search
  English  ▼

X  

AD4020 Datasheet(PDF) 26 Page - Analog Devices

Part # AD4020
Description  Precision SAR, Differential ADC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4020 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD4020 Datasheet HTML 22Page - Analog Devices AD4020 Datasheet HTML 23Page - Analog Devices AD4020 Datasheet HTML 24Page - Analog Devices AD4020 Datasheet HTML 25Page - Analog Devices AD4020 Datasheet HTML 26Page - Analog Devices AD4020 Datasheet HTML 27Page - Analog Devices AD4020 Datasheet HTML 28Page - Analog Devices AD4020 Datasheet HTML 29Page - Analog Devices AD4020 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
Data Sheet
AD4020
Rev. A | Page 25 of 36
Status bits can also be clocked out at the end of the conversion
data if the status bits are enabled in the configuration register.
There are six status bits in total as described in Table 12.
The AD4020 is configured by 16-bit SPI writes to the desired
configuration register. The 16-bit word can be written via the
SDI line while CNV is held low. The 16-bit word consists of an
8-bit header and 8-bit register data. For isolated systems, the
ADuM141D is recommended, which has a maximum clock rate
of 75 MHz and allows the AD4020 to run at 1.8 MSPS.
REGISTER READ/WRITE FUNCTIONALITY
The AD4020 register bits are programmable and their default
statuses are shown in Table 12. The register map is shown in
Table 14. The overvoltage clamp flag is a read only sticky bit,
and it is cleared only if the register is read and the overvoltage
condition is no longer present. It gives an indication of
overvoltage condition when it is set to 0.
Table 12. Register Bits
Register Bits
Default Status
Overvoltage (OV) Clamp Flag
1 bit (default 1: inactive)
Turbo Mode
1 bit (default 0: disabled)
High-Z Mode
1 bit (default 0: disabled)
Span Compression
1 bit (default 0: disabled)
Enable Six Status Bits
1 bit (default 0: disabled)
All access to the register map must start with a write to the 8-bit
command register in the SPI interface block. The AD4020 ignores
all 1s until the first 0 is clocked in; the value loaded into the
command register is always a 0 followed by seven command bits.
This command determines whether that operation is a write or
a read. The AD4020 command register is shown in Table 13.
Table 13. Command Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
WEN
R/W
0
1
0
1
0
0
All register read/writes must occur while CNV is low. Data on
SDI is clocked in on the rising edge of SCK. Data on SDO is
clocked out on the falling edge of SCK. At the end of the data
transfer, SDO is put in a high impedance state on the rising
edge of CNV if daisy-chain mode is not enabled. If daisy-chain
mode is enabled, SDO goes low on the rising edge of CNV. Register
reads are not allowed in daisy-chain mode.
Register write requires three signal lines: SCK, CNV, and SDI.
During register write, to read the current conversion results on
SDO, the CNV pin must be brought low after the conversion is
completed; otherwise, the conversion results may be incorrect
on SDO; however, the register write occurs regardless.
The LSB of each configuration register is reserved because a
user reading 16-bit conversion data may be limited to a 16-bit
SPI frame. The state of SDI on the last bit in the SDI frame may
be the state that then persists as CNV rises. Because the state of
SDI when CNV rises is part of how the user sets the interface
mode, the user in this scenario may need to set the final SDI
state on that basis.
The timing diagrams in Figure 47 through Figure 49 show how
data is read and written when the AD4020 is configured in
register read, write, and daisy-chain mode.
Table 14. Register Map
ADDR[1:0]
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
0x0
Reserved
Reserved
Reserved
Enable six
status bits
Span
compression
High-Z
mode
Turbo
mode
Overvoltage (OV) clamp
flag (read only sticky bit)
0xE1
tCYC
tSCK
tDIS
tSCKL
tSCKH
tSCNVSCK
tSSDISCK
tHSDISCK
tCNVH
tEN
CNV
SCK
1
2
3
4
5
6
7
0
1
1
0
1
0
1
0
0
B0
B1
B2
B3
B4
B5
B6
WEN
R/W
0
1
0
1
ADDR[1:0]
8
9
10
11
12
13
14
15
16
SDI
SDO
tHSDO
tDSDO
B7
X
D19
D18
D17
D16
D15
D14
D13
D12
Figure 47. Register Read Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com