Electronic Components Datasheet Search
  English  ▼

X  

AD9655 Datasheet(PDF) 36 Page - Analog Devices

Part # AD9655
Description  Dual, 16-Bit, 125 MSPS Serial LVDS, 1.8 V Analog-to-Digital Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9655 Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9655 Datasheet HTML 30Page - Analog Devices AD9655 Datasheet HTML 31Page - Analog Devices AD9655 Datasheet HTML 32Page - Analog Devices AD9655 Datasheet HTML 33Page - Analog Devices AD9655 Datasheet HTML 34Page - Analog Devices AD9655 Datasheet HTML 35Page - Analog Devices AD9655 Datasheet HTML 36Page - Analog Devices AD9655 Datasheet HTML 37Page - Analog Devices AD9655 Datasheet HTML 38Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
Data Sheet
AD9655
Output Phase (Register 0x16)
Bit 7—Open
Bits[6:4]—Input Clock Phase Adjust
When the clock divider (Register 0x0B) is used, the applied
clock is at a higher frequency than the internal sampling clock.
Bits[6:4] determine at which phase of the external clock sampling
occurs. This is applicable only when the clock divider is used.
Selecting a value for Bits[6:4] greater than Register 0x0B,
Bits[2:0] is prohibited. See Table 20 for details.
Table 20. Input Clock Phase Adjust Options
Input Clock Phase Adjust,
Bits[6:4]
Number of Input Clock Cycles
of Phase Delay
000 (Default)
0
001
1
010
2
011
3
100
4
101
5
110
6
111
7
Bits[3:0]—Output Clock Phase Adjust
See Table 21 for details.
Table 21. Output Clock Phase Adjust Options
Output Clock (DCO),
Phase Adjust, Bits[3:0]
DCO Phase Adjustment
(Approximate Degrees Relative to
the D0x±/D1x± Edge)
0000
0
0001
60
0010
120
0011 (Default)
180
0100
240
0101
300
0110
360
0111
420
1000
480
1001
540
1010
600
1011 through 1111
660
Serial Output Data Control (Register 0x21)
The serial output data control register to programs the AD9655
in various output data modes, depending on the data capture
solution. Table 22 describes the various serialization options
available in the AD9655. Note that, in single data rate (SDR)
mode, the DCO frequency is double that of the frequency in
DDR mode for a given sample rate. In SDR mode, to stay within
the capability of the DCO LVDS driver, the ADC sample rate
must be reduced to ≤62.5 MSPS to keep the DCO frequency at
≤500 MHz.
User I/O Control 2 (Register 0x101)
Bits[7:1]—Open
Bit 0—Disable SDIO Pull-Down
Bit 0 can be set to disable the internal 31 kΩ pull-down resistor
on the SDIO/PWDN pin, which limits the loading when many
devices are connected to the SPI bus.
User I/O Control 3 (Register 0x102)
Bits[7:4]—Open
Bit 3—VCM Power-Down
Bit 3 can be set high to power down the internal VCM generator.
This feature is used when applying an external reference.
Bits[2:0]—000
Clock Monitor Control (Register 0x112)
Bit 7—Open
Bit 6—0 (Reserved)
Bits[5:3]—Recovery Mode
By default (Bits[5:3] = 000), recovery mode is off. In this condition,
the AD9655 does not automatically recover from a state change or
corruption due to a clock glitch or irregularity. With recovery mode
off, a digital reset (Register 0x08 = 0x03, then Register 0x08 = 0x00)
is needed to restore the AD9655 to proper operation in case of
disruption due to clock instability.
With clock recovery mode on (Bits[5:3] = 101), AD9655
automatically recovers from corruption due to a clock glitch or
irregularity. After the corruption is autodetected, 31 × 106 clock
cycles are needed to restore proper operation.
Bits[2:0]— Recovery Mode Setup
Recovery mode is set up for correct operation by default
(Bits[2:0] = 111).
VREF Control (Register 0x114)
This register adjusts the internal analog VREF value. A digital reset
using Register 0x08 must follow any change in analog VREF.
Table 22. SPI Register 0x21 Options
Serialization Options Selected
Register 0x21
Contents
Serial Output Number
of Bits (SONB)
Frame Mode
Serial Data Mode
DCO Multiplier
Timing Diagram
0x30
16-bit
1×
DDR two-lane bytewise
4 × fS
See Figure 2 (default setting)
0x20
16-bit
1×
DDR two-lane bitwise
4 × fS
See Figure 2
0x10
16-bit
1×
SDR two-lane bytewise
8 × fS
See Figure 2
0x00
16-bit
1×
SDR two-lane bitwise
8 × fS
See Figure 2
0x40
16-bit
1×
DDR one-lane wordwise
8 × fS
See Figure 3
Rev. 0 | Page 35 of 37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com