Electronic Components Datasheet Search
  English  ▼

X  

AD9689 Datasheet(PDF) 114 Page - Analog Devices

Part # AD9689
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689 Datasheet(HTML) 114 Page - Analog Devices

Back Button AD9689 Datasheet HTML 110Page - Analog Devices AD9689 Datasheet HTML 111Page - Analog Devices AD9689 Datasheet HTML 112Page - Analog Devices AD9689 Datasheet HTML 113Page - Analog Devices AD9689 Datasheet HTML 114Page - Analog Devices AD9689 Datasheet HTML 115Page - Analog Devices AD9689 Datasheet HTML 116Page - Analog Devices AD9689 Datasheet HTML 117Page - Analog Devices AD9689 Datasheet HTML 118Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 134 page
background image
AD9689
Data Sheet
Rev. A | Page 114 of 134
Addr.
Name
Bit(s) Bit Name
Setting
Description
Reset
Access
2
DDC3 Q input select
0x1
R/W
0
Channel A.
1
Channel B.
1
Reserved
Reserved.
0x0
R
0
DDC3 I input select
0x1
R/W
0
Channel A.
1
Channel B.
0x0374 DDC3 NCO
control
[7:4] DDC3 NCO channel
select mode
For edge control, the internal counter wraps when the
Register 0x0374, Bits[3:0] value is reached.
0x0
R/W
0000
Use Register 0x0374, Bits[3:0].
0001
GPIO_B0, GPIO_A0.
0010
GPIO_B1, GPIO_A1.
0011
GPIO_A1, GPIO_A0.
0100
GPIO_B1, GPIO_B0.
0101
GPIO_B1, GPIO_A1, GPIO_B0, GPIO_A0.
0110
GPIO_B1, GPIO_B0, GPIO_A1, GPIO_A0.
1000
Increment internal counter when rising edge of GPIO_A0 pin.
1001
Increment internal counter when rising edge of GPIO_A1 pin.
1010
Increment internal counter when rising edge of GPIO_B0 pin.
1011
Increment internal counter when rising edge of GPIO_B1 pin.
[3:0] DDC3 NCO register
map channel select
NCO channel select register map control.
0x0
R/W
0000
Select NCO Channel 0.
0001
Select NCO Channel 1.
0010
Select NCO Channel 2.
0011
Select NCO Channel 3.
0100
Select NCO Channel 4.
0101
Select NCO Channel 5.
0110
Select NCO Channel 6.
0111
Select NCO Channel 7.
1000
Select NCO Channel 8.
1001
Select NCO Channel 9.
1010
Select NCO Channel 10.
1011
Select NCO Channel 11.
1100
Select NCO Channel 12.
1101
Select NCO Channel 13.
1110
Select NCO Channel 14.
1111
Select NCO Channel 15.
0x0375 DDC3 phase
control
[7:4] Reserved
Reserved.
0x0
R
[3:0] DDC3 phase update
index
Indexes the NCO channel whose phase and offset gets updated.
The update method is based on the DDC phase update mode,
which can be continuous or require chip transfer.
0x0
R/W
0000
Update NCO Channel 0.
0001
Update NCO Channel 1.
0010
Update NCO Channel 2.
0011
Update NCO Channel 3.
0x0376 DDC3 Phase
Increment 0
[7:0] DDC3 phase
increment[7:0]
FTW. Twos complement phase increment value for the NCO.
Complex mixing frequency = (DDC phase increment × fS)/248.
0x0
R/W
0x0377 DDC3 Phase
Increment 1
[7:0] DDC3 phase
increment[15:8]
FTW. Twos complement phase increment value for the NCO.
Complex mixing frequency = (DDC phase increment × fS)/248
0x0
R/W
0x0378 DDC3 Phase
Increment 2
[7:0] DDC3 phase
increment[23:16]
FTW. Twos complement phase increment value for the NCO.
Complex mixing frequency = (DDC phase increment × fS)/248.
0x0
R/W
0x0379 DDC3 Phase
Increment 3
[7:0] DDC3 phase
increment[31:24]
FTW. Twos complement phase increment value for the NCO.
Complex mixing frequency = (DDC phase increment × fS)/248.
0x0
R/W
0x037A DDC3 Phase
Increment 4
[7:0] DDC3 phase
increment[39:32]
FTW. Twos complement phase increment value for the NCO.
Complex mixing frequency = (DDC phase increment × fS)/248.
0x0
R/W
0x037B DDC3 Phase
Increment 5
[7:0] DDC3 phase
increment[47:40]
FTW. Twos complement phase increment value for the NCO.
Complex mixing frequency = (DDC phase increment × fS)/248.
0x0
R/W
0x037D DDC3 Phase
Offset 0
[7:0] DDC3 phase
offset[7:0]
Twos complement POW for the NCO.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com