Electronic Components Datasheet Search
  English  ▼

X  

AD9689 Datasheet(PDF) 110 Page - Analog Devices

Part # AD9689
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689 Datasheet(HTML) 110 Page - Analog Devices

Back Button AD9689 Datasheet HTML 106Page - Analog Devices AD9689 Datasheet HTML 107Page - Analog Devices AD9689 Datasheet HTML 108Page - Analog Devices AD9689 Datasheet HTML 109Page - Analog Devices AD9689 Datasheet HTML 110Page - Analog Devices AD9689 Datasheet HTML 111Page - Analog Devices AD9689 Datasheet HTML 112Page - Analog Devices AD9689 Datasheet HTML 113Page - Analog Devices AD9689 Datasheet HTML 114Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 134 page
background image
AD9689
Data Sheet
Rev. A | Page 110 of 134
Addr.
Name
Bit(s) Bit Name
Setting
Description
Reset
Access
[3:0] DDC1 NCO register
map channel select
NCO channel select register map control.
0x0
R/W
0000
Select NCO Channel 0.
0001
Select NCO Channel 1.
0010
Select NCO Channel 2.
0011
Select NCO Channel 3.
0100
Select NCO Channel 4.
0101
Select NCO Channel 5.
0110
Select NCO Channel 6.
0111
Select NCO Channel 7.
1000
Select NCO Channel 8.
1001
Select NCO Channel 9.
1010
Select NCO Channel 10.
1011
Select NCO Channel 11.
1100
Select NCO Channel 12.
1101
Select NCO Channel 13.
1110
Select NCO Channel 14.
1111
Select NCO Channel 15.
0x0335 DDC1 phase
control
[7:4] Reserved
Reserved.
0x0
R
[3:0] DDC1 phase update
index
Indexes the NCO channel whose phase and offset are updated.
The update method is based on the DDC phase update mode,
which can be continuous or require chip transfer.
0x0
R/W
0000
Update NCO Channel 0.
0001
Update NCO Channel 1.
0010
Update NCO Channel 2.
0011
Update NCO Channel 3.
0x0336 DDC1 Phase
Increment 0
[7:0] DDC1 phase
increment[7:0]
FTW. Twos complement phase increment value for the NCO.
Complex mixing frequency = (DDC phase increment × fS)/248.
0x0
R/W
0x0337 DDC1 Phase
Increment 1
[7:0] DDC1 phase
increment[15:8]
FTW. Twos complement phase increment value for the NCO.
Complex mixing frequency = (DDC phase increment × fS)/248.
0x0
R/W
0x0338 DDC1 Phase
Increment 2
[7:0] DDC1 phase
increment[23:16]
FTW. Twos complement phase increment value for the NCO.
Complex mixing frequency = (DDC phase increment × fS)/248.
0x0
R/W
0x0339 DDC1 Phase
Increment 3
[7:0] DDC1 phase
increment[31:24]
FTW. Twos complement phase increment value for the NCO.
Complex mixing frequency = (DDC phase increment × fS)/248.
0x0
R/W
0x033A DDC1 Phase
Increment 4
[7:0] DDC1 phase
increment[39:32]
FTW. Twos complement phase increment value for the NCO.
Complex mixing frequency = (DDC phase increment × fS)/248.
0x0
R/W
0x033B DDC1 Phase
Increment 5
[7:0] DDC1 phase
increment[47:40]
FTW. Twos complement phase increment value for the NCO.
Complex mixing frequency = (DDC phase increment × fS)/248.
0x0
R/W
0x033D DDC1 Phase
Offset 0
[7:0] DDC1 phase
offset[7:0]
Twos complement POW for the NCO.
0x0
R/W
0x033E DDC1 Phase
Offset 1
[7:0] DDC1 phase
offset[15:8]
Twos complement POW for the NCO.
0x0
R/W
0x033F DDC1 Phase
Offset 2
[7:0] DDC1 phase
offset[23:16]
Twos complement POW for the NCO.
0x0
R/W
0x0340 DDC1 Phase
Offset 3
[7:0] DDC1 phase
offset[31:24]
Twos complement POW for the NCO.
0x0
R/W
0x0341 DDC1 Phase
Offset 4
[7:0] DDC1 phase
offset[39:32]
Twos complement POW for the NCO.
0x0
R/W
0x0342 DDC1 Phase
Offset 5
[7:0] DDC1 phase
offset[47:40]
Twos complement POW for the NCO.
0x0
R/W
0x0347 DDC1 test
enable
[7:3] Reserved
Reserved.
0x0
R
2
DDC1 Q output test
mode enable
Q samples always use Test Mode B block. The test mode is
selected using the channel dependent Register 0x0550, Bits[3:0].
0x0
R/W
0
Test mode disabled.
1
Test mode enabled.
1
Reserved
Reserved.
0x0
R
0
DDC1 I output test
mode enable
I samples always use Test Mode A block. The test mode is selected
using the channel dependent Register 0x0550, Bits[3:0].
0x0
R/W
0
Test mode disabled.
1
Test mode enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com