Electronic Components Datasheet Search
  English  ▼

X  

AD9689 Datasheet(PDF) 108 Page - Analog Devices

Part # AD9689
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689 Datasheet(HTML) 108 Page - Analog Devices

Back Button AD9689 Datasheet HTML 104Page - Analog Devices AD9689 Datasheet HTML 105Page - Analog Devices AD9689 Datasheet HTML 106Page - Analog Devices AD9689 Datasheet HTML 107Page - Analog Devices AD9689 Datasheet HTML 108Page - Analog Devices AD9689 Datasheet HTML 109Page - Analog Devices AD9689 Datasheet HTML 110Page - Analog Devices AD9689 Datasheet HTML 111Page - Analog Devices AD9689 Datasheet HTML 112Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 134 page
background image
AD9689
Data Sheet
Rev. A | Page 108 of 134
Addr.
Name
Bit(s) Bit Name
Setting
Description
Reset
Access
0x0315 DDC0 phase
control
[7:4] Reserved
Reserved.
0x0
R
[3:0] DDC0 phase update
index
Indexes the NCO channel whose phase and offset is updated. The
update method is based on the DDC phase update mode, which
can be continuous or require chip transfer.
0x0
R/W
0000
Update NCO Channel 0.
0001
Update NCO Channel 1.
0010
Update NCO Channel 2.
0011
Update NCO Channel 3.
0x0316 DDC0 Phase
Increment 0
[7:0] DDC0 phase
increment[7:0]
FTW. Twos complement phase increment value for the NCO.
Complex mixing frequency = (DDC phase increment × fS)/248.
0x0
R/W
0x0317 DDC0 Phase
Increment 1
[7:0] DDC0 phase
increment[15:8]
FTW. Twos complement phase increment value for the NCO.
Complex mixing frequency = (DDC phase increment × fS)/248.
0x0
R/W
0x0318 DDC0 Phase
Increment 2
[7:0] DDC0 phase
increment[23:16]
FTW. Twos complement phase increment value for the NCO.
Complex mixing frequency = (DDC phase increment × fS)/248.
0x0
R/W
0x0319 DDC0 Phase
Increment 3
[7:0] DDC0 phase
increment[31:24]
FTW. Twos complement phase increment value for the NCO.
Complex mixing frequency = (DDC phase increment × fS)/248.
0x0
R/W
0x031A DDC0 Phase
Increment 4
[7:0] DDC0 phase
increment[39:32]
FTW. Twos complement phase increment value for the NCO.
Complex mixing frequency = (DDC phase increment × fS)/248.
0x0
R/W
0x031B DDC0 Phase
Increment 5
[7:0] DDC0 phase
increment[47:40]
FTW. Twos complement phase increment value for the NCO.
Complex mixing frequency = (DDC phase increment × fS)/248.
0x0
R/W
0x031D DDC0 Phase
Offset 0
[7:0] DDC0 phase
offset[7:0]
Twos complement POW for the NCO.
0x0
R/W
0x031E DDC0 Phase
Offset 1
[7:0] DDC0 phase
offset[15:8]
Twos complement POW for the NCO.
0x0
R/W
0x031F DDC0 Phase
Offset 2
[7:0] DDC0 phase
offset[23:16]
Twos complement POW for the NCO.
0x0
R/W
0x0320 DDC0 Phase
Offset 3
[7:0] DDC0 phase
offset[31:24]
Twos complement POW for the NCO.
0x0
R/W
0x0321 DDC0 Phase
Offset 4
[7:0] DDC0 phase
offset[39:32]
Twos complement POW for the NCO.
0x0
R/W
0x0322 DDC0 Phase
Offset 5
[7:0] DDC0 phase
offset[47:40]
Twos complement POW for the NCO.
0x0
R/W
0x0327 DDC0 test
enable
[7:3] Reserved
Reserved.
0x0
R
2
DDC0 Q output test
mode enable
Q samples always use Test Mode B block. The test mode is
selected using the channel dependent Register 0x0550, Bits[3:0].
0x0
R/W
0
Test mode disabled.
1
Test mode enabled.
1
Reserved
Reserved.
0x0
R
0
DDC0 I output test
mode enable
I samples always use Test Mode A block. The test mode is selected
using the channel dependent Register 0x0550, Bits[3:0].
0x0
R/W
0
Test mode disabled.
1
Test mode enabled.
0x0330 DDC1 control
7
DDC1 mixer select
0x0
R/W
0
Real mixer (I and Q inputs must be from the same real channel).
1
Complex mixer (I and Q must be from separate, real, and
imaginary quadrature ADC receive channels; analog
demodulator).
6
DDC1 gain select
Gain can be used to compensate for the 6 dB loss associated with
mixing an input signal down to baseband and filtering out its
negative component.
0x0
R/W
0
0 dB gain.
1
6 dB gain (multiply by 2).
[5:4] DDC1 IF mode
0x0
R/W
00
Variable IF mode.
01
0 Hz IF mode.
10
fS Hz IF mode.
11
Test mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com