Electronic Components Datasheet Search
  English  ▼

X  

AD9689 Datasheet(PDF) 105 Page - Analog Devices

Part # AD9689
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689 Datasheet(HTML) 105 Page - Analog Devices

Back Button AD9689 Datasheet HTML 101Page - Analog Devices AD9689 Datasheet HTML 102Page - Analog Devices AD9689 Datasheet HTML 103Page - Analog Devices AD9689 Datasheet HTML 104Page - Analog Devices AD9689 Datasheet HTML 105Page - Analog Devices AD9689 Datasheet HTML 106Page - Analog Devices AD9689 Datasheet HTML 107Page - Analog Devices AD9689 Datasheet HTML 108Page - Analog Devices AD9689 Datasheet HTML 109Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 134 page
background image
Data Sheet
AD9689
Rev. A | Page 105 of 134
Addr.
Name
Bit(s) Bit Name
Setting
Description
Reset Access
0x0271 Signal Monitor
Period 0 (local)
[7:0] Signal monitor
period[7:0]
Bits[7:0] of the 24-bit value that sets the number of output
clock cycles over which the signal monitor performs its
operation. Only even values are supported.
0x80
R/W
0x0272 Signal Monitor
Period 1 (local)
[7:0] Signal monitor
period[15:8]
Bits[15:8] of the 24-bit value that sets the number of output
clock cycles over which the signal monitor performs its
operation. Only even values are supported.
0x0
R/W
0x0273 Signal Monitor
Period 2 (local)
[7:0] Signal monitor
period[23:16]
Bits[23:16] of the 24-bit value that sets the number of output
clock cycles over which the signal monitor performs its
operation. Only even values are supported.
0x0
R/W
0x0274 Signal monitor
status control
(local)
[7:5] Reserved
Reserved.
0x0
R
4
Result update
0x0
R/WC
1
Update signal monitor status registers, Register 0x0275 to
Register 0x0278. Self clearing.
3
Reserved
Reserved.
0x0
R
[2:0] Result selection
0x1
R/W
001
Peak detector placed on status readback signals.
0x0275 Signal Monitor
Status 0 (local)
[7:0] Signal monitor
result[7:0]
Signal monitor status result. This 20-bit value contains the
status result calculated by the signal monitor block.
0x0
R
0x0276 Signal Monitor
Status 1 (local)
[7:0] Signal monitor
result[15:8]
Signal monitor status result.
0x0
R
0x0277 Signal Monitor
Status 2 (local)
[7:4] Reserved
Reserved.
0x0
R
[3:0] Signal monitor
result[19:16]
Signal monitor status result.
0x0
R
0x0278 Signal monitor
status frame
counter (local)
[7:0] Period count result[7:0]
Signal monitor frame counter status bits. The frame counter
increments whenever the period counter expires.
0x0
R
0x0279 Signal monitor
serial framer
control (local)
[7:2] Reserved
Reserved.
0x0
R
[1:0] Signal monitor SPORT
over JESD204B enable
0x0
R/W
00
Disabled.
11
Enabled.
0x027A SPORT over
JESD204B input
selection (local)
[7:6] Reserved
Reserved.
0x0
R
1
SPORT over JESD204B
input selection
Signal monitor serial framer input selection. When each
individual bit is a 1, the corresponding signal statistics
information is sent within the frame.
0x1
R/W
0
Disabled.
1
Peak detector data inserted in the serial frame.
0
Reserved
Reserved.
0x0
R
DDC Function Registers (See the Digital Downconverter (DDC) Section)
Table 50.
Addr.
Name
Bit(s) Bit Name
Setting
Description
Reset
Access
0x0300 DDC SYNC
control
7
DDC FTW/POW/MAW/
MBW update mode
Select DDC FTW/POW/MAW/MBW update mode.
0x0
R/W
0
Instantaneous/continuous update. FTW/POW/MAW/MBW values
are updated immediately.
1
FTW/POW/MAW/MBW values are updated synchronously when
the chip transfer bit (Register 0x000F, Bit 0) is set.
6:5
Reserved
Reserved.
0x0
R
4
DDC NCO soft reset
This bit can be used to synchronize all the NCOs inside the DDC
blocks.
0x0
R/W
0
Normal operation.
1
DDC held in reset.
[3:2] Reserved
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com