Electronic Components Datasheet Search
  English  ▼

X  

AD9689 Datasheet(PDF) 109 Page - Analog Devices

Part # AD9689
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689 Datasheet(HTML) 109 Page - Analog Devices

Back Button AD9689 Datasheet HTML 105Page - Analog Devices AD9689 Datasheet HTML 106Page - Analog Devices AD9689 Datasheet HTML 107Page - Analog Devices AD9689 Datasheet HTML 108Page - Analog Devices AD9689 Datasheet HTML 109Page - Analog Devices AD9689 Datasheet HTML 110Page - Analog Devices AD9689 Datasheet HTML 111Page - Analog Devices AD9689 Datasheet HTML 112Page - Analog Devices AD9689 Datasheet HTML 113Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 134 page
background image
Data Sheet
AD9689
Rev. A | Page 109 of 134
Addr.
Name
Bit(s) Bit Name
Setting
Description
Reset
Access
3
DDC1 complex to real
enable
0x0
R/W
0
Complex (I and Q) outputs contain valid data.
1
Real (I) output only. Complex to real enabled. Uses extra fS mixing
to convert to real.
[2:0] DDC1 decimation rate
select
Decimation filter selection.
0x0
R/W
000
HB1 + HB2 filter selection: decimate by 2 (complex to real
enabled), or decimate by 4 (complex to real disabled).
001
HB1 + HB2 + HB3 filter selection: decimate by 4 (complex to real
enabled), or decimate by 8 (complex to real disabled).
010
HB1 + HB2 + HB3 + HB4 filter selection: decimate by 8 (complex
to real enabled), or decimate by 16 (complex to real disabled).
011
HB1 filter selection: decimate by 1 (complex to real enabled), or
decimate by 2 (complex to real disabled).
100
HB1 + TB2 filter selection: decimate by 3 (complex to real
enabled), or decimate by 6 (complex to real disabled).
101
HB1 + HB2 + TB2 filter selection: decimate by 6 (complex to real
enabled), or decimate by 12 (complex to real disabled).
110
HB1 + HB2 + HB3 + TB2 filter selection: decimate by 12 (complex
to real enabled), or decimate by 24 (complex to real disabled).
111
Decimation determined by Register 0x0331, Bits[7:4].
0x0331 DDC1 input
select
[7:4] DDC1 decimation rate
select
Only valid when Register 0x0310, Bits[2:0] = 3'b111.
0x0
R/W
0000
TB2 + HB4 + HB3 + HB2 + HB1 filter selection: decimate by 48
(complex to real disabled), or decimate by 24 (complex to real
enabled).
0010
FB2 + HB1 filter selection: decimate by 10 (complex to real
disabled), or decimate by 5 (complex to real enabled).
0011
FB2 + HB2 + HB1 filter selection: decimate by 20 (complex to real
disabled), or decimate by 10 (complex to real enabled).
0100
FB2 + HB3 + HB2 + HB1 filter selection: decimate by 40 (complex
to real disabled), or decimate by 20 (complex to real enabled).
0111
TB1 filter selection: decimate by 3 (decimate by 1.5 not
supported).
1000
FB2 + TB1 filter selection: decimate by 15 (decimate by 7.5 not
supported).
1001
HB2 + FB2 + TB1 filter selection: decimate by 30 (decimate by 15
not supported).
3
Reserved
Reserved.
0x0
R
2
DDC1 Q input select
0x1
R/W
0
Channel A.
1
Channel B.
1
Reserved
Reserved.
0x0
R
0
DDC1 I input select
0x1
R/W
0
Channel A.
1
Channel B.
0x0334 DDC1 NCO
control
[7:4] DDC1 NCO channel
select mode
For edge control, the internal counter wraps when the
Register 0x0334, Bits[3:0] value is reached.
0x0
R/W
0000
Use Register 0x0334, Bits[3:0].
0001
PIO_B0, GPIO_A0.
0010
GPIO_B1, GPIO_A1.
0011
GPIO_A1, GPIO_A0.
0100
GPIO_B1, GPIO_B0.
0101
GPIO_B1, GPIO_A1, GPIO_B0, GPIO_A0.
0110
GPIO_B1, GPIO_B0, GPIO_A1, GPIO_A0.
1000
Increment internal counter on rising edge of the GPIO_A0 pin.
1001
Increment internal counter on rising edge of the GPIO_A1 pin.
1010
Increment internal counter on rising edge of the GPIO_B0 pin.
1011
Increment internal counter on rising edge of the GPIO_B1 pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com