Electronic Components Datasheet Search
  English  ▼

X  

AD9689 Datasheet(PDF) 102 Page - Analog Devices

Part # AD9689
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689 Datasheet(HTML) 102 Page - Analog Devices

Back Button AD9689 Datasheet HTML 98Page - Analog Devices AD9689 Datasheet HTML 99Page - Analog Devices AD9689 Datasheet HTML 100Page - Analog Devices AD9689 Datasheet HTML 101Page - Analog Devices AD9689 Datasheet HTML 102Page - Analog Devices AD9689 Datasheet HTML 103Page - Analog Devices AD9689 Datasheet HTML 104Page - Analog Devices AD9689 Datasheet HTML 105Page - Analog Devices AD9689 Datasheet HTML 106Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 134 page
background image
AD9689
Data Sheet
Rev. A | Page 102 of 134
Addr.
Name
Bit(s) Bit Name
Setting
Description
Reset Access
0x0120 SYSREF Control 1
7
Reserved
Reserved.
0x0
R
6
SYSREF± flag reset
0x0
R/W
0
Normal flag operation.
1
SYSREF± flags held in reset (setup/hold error flags cleared).
5
Reserved
Reserved.
0x0
R
4
SYSREF± transition select
0x0
R/W
0
SYSREF± is valid on low to high transitions using the selected
CLK± edge. When changing this setting, SYSREF± mode select
must be set to disabled.
1
SYSREF± is valid on high to low transitions using the selected
CLK± edge. When changing this setting, SYSREF± mode select
must be set to disabled.
3
CLK± edge select
0x0
R/W
00
Captured on the rising edge of CLK± input.
01
Captured on the falling edge of CLK± input.
[2:1] SYSREF± mode select
0x0
R/W
0
Disabled.
1
Continuous.
10
N-shot.
0
Reserved
Reserved.
0x0
R
0x0121 SYSREF Control 2
[7:4] Reserved
Reserved.
0x0
R
[3:0] SYSREF N-shot ignore
counter select
0x0
R/W
0000
Next SYSREF± transition only (do not ignore).
0001
Ignore the first SYSREF± transition.
0010
Ignore the first two SYSREF± transitions.
0011
Ignore the first three SYSREF± transitions.
…
…
1110
Ignore the first 14 SYSREF± transitions.
1111
Ignore the first 15 SYSREF± transitions.
0x0122 SYSREF Control 3
[7:4] Reserved
Reserved.
0x0
R
[3:2] SYSREF window negative
Negative skew window (measured in sample clocks). Number
of clock cycles before the sample clock by which captured
SYSREF transitions are ignored.
0x0
R/W
00
No negative skew; SYSREF must be captured accurately.
01
One sample clock of negative skew.
10
Two sample clocks of negative skew.
11
Three sample clocks of negative skew.
[1:0] SYSREF window positive
Positive skew window (measured in sample clocks). Number of
clock cycles before the sample clock by which captured SYSREF
transitions are ignored.
0x0
R/W
00
No positive skew; SYSREF must be captured accurately.
01
One sample clock of positive skew.
10
Two sample clocks of positive skew.
11
Three sample clocks of positive skew.
0x0123 SYSREF Control 4
7
Reserved
Reserved.
0x0
R
[6:0] SYSREF± timestamp
delay, Bits[6:0]
SYSREF± timestamp delay (in converter sample clock cycles).
0x00
R/W
0
0 sample clock cycle delay.
1
1 sample clock cycle delay.
…
…
111 1111 127 sample clock cycle delay.
0x0128 SYSREF Status 1
[7:4] SYSREF± hold status
SYSREF± hold status.
0x0
R
[3:0] SYSREF± setup status
SYSREF± setup status.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com