Electronic Components Datasheet Search
  English  ▼

X  

AD9259 Datasheet(PDF) 38 Page - Analog Devices

Part # AD9259
Description  Serial LVDS 1.8 V ADC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9259 Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9259 Datasheet HTML 34Page - Analog Devices AD9259 Datasheet HTML 35Page - Analog Devices AD9259 Datasheet HTML 36Page - Analog Devices AD9259 Datasheet HTML 37Page - Analog Devices AD9259 Datasheet HTML 38Page - Analog Devices AD9259 Datasheet HTML 39Page - Analog Devices AD9259 Datasheet HTML 40Page - Analog Devices AD9259 Datasheet HTML 41Page - Analog Devices AD9259 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 53 page
background image
Data Sheet
AD9259
Rev. E | Page 37 of 52
ALTERNATIVE ANALOG INPUT DRIVE
CONFIGURATION
The following is a brief description of the alternative analog input
drive configuration using the AD8332 dual VGA. If this drive
option is in use, some components may need to be populated, in
which case all the necessary components are listed in Table 17. For
more details on the AD8332 dual VGA, including how it works
and its optional pin settings, consult the AD8332 data sheet.
To configure the analog input to drive the VGA instead of the
default transformer option, the following components need to
be removed and/or changed.
•
Remove R102, R115, R128, R141, R161, R162, R163, R164,
T101, T102, T103, and T104 in the default analog input path.
•
Populate R101, R114, R127, and R140 with 0 Ω resistors in
the analog input path.
•
Populate R105, R113, R118, R124, R131, R137, R151, and
R160 with 0 Ω resistors in the analog input path to connect
the AD8332.
•
Populate R152, R153, R154, R155, R156, R157, R158, R159,
C103, C105, C110, C112, C117, C119, C124, and C126
with 10 kΩ resistors to provide an input common-mode
level to the ADC analog inputs.
•
Remove R305, R306, R313, R314, R405, R406, R412, and
R424 to configure the AD8332.
In this configuration, L301 to L308 and L401 to L408 are
populated with 0 Ω resistors to allow signal connection and
use of a filter if additional requirements are necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com