Electronic Components Datasheet Search
  English  ▼

X  

AD9259 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9259
Description  Serial LVDS 1.8 V ADC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9259 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9259 Datasheet HTML 18Page - Analog Devices AD9259 Datasheet HTML 19Page - Analog Devices AD9259 Datasheet HTML 20Page - Analog Devices AD9259 Datasheet HTML 21Page - Analog Devices AD9259 Datasheet HTML 22Page - Analog Devices AD9259 Datasheet HTML 23Page - Analog Devices AD9259 Datasheet HTML 24Page - Analog Devices AD9259 Datasheet HTML 25Page - Analog Devices AD9259 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 53 page
background image
Data Sheet
AD9259
Rev. E | Page 21 of 52
CLOCK INPUT CONSIDERATIONS
For optimum performance, the AD9259 sample clock inputs
(CLK+ and CLK−) should be clocked with a differential signal.
This signal is typically ac-coupled to the CLK+ and CLK− pins
via a transformer or capacitors. These pins are biased internally
and require no additional biasing.
Figure 42 shows a preferred method for clocking the AD9259. The
low jitter clock source is converted from a single-ended signal
to a differential signal using an RF transformer. The back-to-
back Schottky diodes across the secondary transformer limit
clock excursions into the AD9259 to approximately 0.8 V p-p
differential. This helps prevent the large voltage swings of the
clock from feeding through to other portions of the AD9259,
and it preserves the fast rise and fall times of the signal, which
are critical to low jitter performance.
0.1µF
0.1µF
0.1µF
0.1µF
SCHOTTKY
DIODES:
HSM2812
CLK+
50Ω
100Ω
CLK–
CLK+
ADC
AD9259
Mini-Circuits®
ADT1-1WT, 1:1Z
XFMR
Figure 42. Transformer-Coupled Differential Clock
Another option is to ac-couple a differential PECL signal to the
sample clock input pins as shown in Figure 43. The AD9510/
AD9511/AD9512/AD9513/AD9514/AD9515 of clock drivers
offers excellent jitter performance.
100
Ω
0.1µF
0.1µF
0.1µF
0.1µF
240
Ω
240
Ω
50
Ω1
50
Ω1
CLK
CLK
150
Ω RESISTORS ARE OPTIONAL.
CLK–
CLK+
ADC
AD9259
AD9510/AD9511/
AD9512/AD9513/
AD9514/AD9515
PECL DRIVER
CLK+
CLK–
Figure 43. Differential PECL Sample Clock
10
0Ω
0.1µF
0.1µF
0.1µF
0.1µF
50Ω*
LVDS DRIVER
50Ω1
CLK
CLK
1
50Ω RESISTORS ARE OPTIONAL
CLK–
CLK+
ADC
AD9259
AD9510/AD9511/
AD9512/AD9513/
AD9514/AD9515
CLK+
CLK–
Figure 44. Differential LVDS Sample Clock
In some applications, it is acceptable to drive the sample clock
inputs with a single-ended CMOS signal. In such applications,
CLK+ should be driven directly from a CMOS gate, and the
CLK− pin should be bypassed to ground with a 0.1 μF capacitor
in parallel with a 39 kΩ resistor (see Figure 45). Although the
CLK+ input circuit supply is AVDD (1.8 V), this input is
designed to withstand input voltages of up to 3.3 V and
therefore offers several selections for the drive logic voltage.
0.1µF
0.1µF
0.1µF
39k
Ω
CMOS DRIVER
50
Ω1
OPTIONAL
100
Ω
0.1µF
CLK
CLK
150
Ω RESISTOR IS OPTIONAL.
CLK–
CLK+
ADC
AD9259
AD9510/AD9511/
AD9512/AD9513/
AD9514/AD9515
CLK+
Figure 45. Single-Ended 1.8 V CMOS Sample Clock
0.1µF
0.1µF
0.1µF
AD9510/AD9511/
AD9512/AD9513/
AD9514/AD9515
CMOS DRIVER
50
Ω1
OPTIONAL
100Ω
CLK
CLK
150
Ω RESISTOR IS OPTIONAL.
0.1µF
CLK–
CLK+
ADC
AD9259
CLK+
Figure 46. Single-Ended 3.3 V CMOS Sample Clock
Clock Duty Cycle Considerations
Typical high speed ADCs use both clock edges to generate a
variety of internal timing signals. As a result, these ADCs may
be sensitive to the clock duty cycle. Commonly, a 5% tolerance is
required on the clock duty cycle to maintain dynamic performance
characteristics. The AD9259 contains a duty cycle stabilizer (DCS)
that retimes the nonsampling edge, providing an internal clock
signal with a nominal 50% duty cycle. This allows a wide range
of clock input duty cycles without affecting the performance of
the AD9259. When the DCS is on, noise and distortion perfor-
mance are nearly flat for a wide range of duty cycles. However,
some applications may require the DCS function to be off. If so,
keep in mind that the dynamic range performance can be
affected when operated in this mode. See the Memory Map
section for more details on using this feature.
Jitter in the rising edge of the input is an important concern, and it
is not reduced by the internal stabilization circuit. The duty
cycle control loop does not function for clock rates of less than
20 MHz nominal. The loop has a time constant associated with
it that must be considered in applications where the clock rate
can change dynamically. This requires a wait time of 1.5 µs to
5 µs after a dynamic clock frequency increase (or decrease)
before the DCS loop is relocked to the input signal. During the
period that the loop is not locked, the DCS loop is bypassed and
the internal device timing is dependent on the duty cycle of the
input clock signal. In such applications, it may be appropriate to
disable the duty cycle stabilizer. In all other applications, enabling
the DCS circuit is recommended to maximize ac performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com