Electronic Components Datasheet Search
  English  ▼

X  

AD9259 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9259
Description  Serial LVDS 1.8 V ADC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9259 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9259 Datasheet HTML 25Page - Analog Devices AD9259 Datasheet HTML 26Page - Analog Devices AD9259 Datasheet HTML 27Page - Analog Devices AD9259 Datasheet HTML 28Page - Analog Devices AD9259 Datasheet HTML 29Page - Analog Devices AD9259 Datasheet HTML 30Page - Analog Devices AD9259 Datasheet HTML 31Page - Analog Devices AD9259 Datasheet HTML 32Page - Analog Devices AD9259 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 53 page
background image
AD9259
Data Sheet
Rev. E | Page 28 of 52
Internal Reference Operation
A comparator within the AD9259 detects the potential at the
SENSE pin and configures the reference. If SENSE is grounded,
the reference amplifier switch is connected to the internal
resistor divider (see Figure 53), setting VREF to 1 V.
The REFT and REFB pins establish the input span of the ADC
core from the reference configuration. The analog input full-
scale range of the ADC equals twice the voltage of the reference
pin for either an internal or an external reference configuration.
If the reference of the AD9259 is used to drive multiple
converters to improve gain matching, the loading of the refer-
ence by the other converters must be considered. Figure 55
depicts how the internal reference voltage is affected by loading.
1µF
0.1µF
VREF
SENSE
0.5V
REFT
0.1µF
0.1µF
2.2µF
0.1µF
REFB
SELECT
LOGIC
ADC
CORE
+
VIN – x
VIN + x
Figure 53. Internal Reference Configuration
1µF1
0.1µF1
VREF
SENSE
AVDD
0.5V
REFT
0.1µF
0.1µF
2.2µF
0.1µF
REFB
SELECT
LOGIC
ADC
CORE
+
VIN – x
VIN + x
EXTERNAL
REFERENCE
1OPTIONAL.
Figure 54. External Reference Operation
External Reference Operation
The use of an external reference may be necessary to enhance
the gain accuracy of the ADC or to improve thermal drift
characteristics. Figure 56 shows the typical drift characteristics
of the internal reference in 1 V mode.
When the SENSE pin is tied to AVDD, the internal reference is
disabled, allowing the use of an external reference. The external
reference is loaded with an equivalent 6 kΩ load. An internal
reference buffer generates the positive and negative full-scale
references, REFT and REFB, for the ADC core. Therefore, the
external reference must be limited to a nominal 1.0 V.
0
1.0
0.5
2.0
1.5
3.0
2.5
3.5
CURRENT LOAD (mA)
–30
–5
–10
–15
–20
–25
5
0
Figure 55. VREF Accuracy vs. Load
0.02
–0.18
–40
80
60
40
20
0
–20
TEMPERATURE (°C)
0
–0.02
–0.04
–0.06
–0.08
–0.10
–0.12
–0.14
–0.16
Figure 56. Typical VREF Drift



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com